Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R10DO0034EU0100 Datasheet (PDF) - Renesas Technology Corp

R10DO0034EU0100 Datasheet PDF - Renesas Technology Corp
No. de pieza R10DO0034EU0100
Descarga  R10DO0034EU0100 Descarga
Tamaño del archivo   118.03 Kbytes
Page   2 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos PMIC5120 Power Management Integrated Circuit (PMIC)

R10DO0034EU0100 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
R10DO0034EU0100 Datasheet PDF - Renesas Technology Corp

No. de pieza R10DO0034EU0100
Descarga  R10DO0034EU0100 Click to download

Tamaño del archivo   118.03 Kbytes
Page   2 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos PMIC5120 Power Management Integrated Circuit (PMIC)

R10DO0034EU0100 Datasheet (HTML) - Renesas Technology Corp


R10DO0034EU0100 Detalles de producto

• Second-generation increased current capacity
• VIN_Bulk input supply range: 4.25 V to 5.5 V
• Three step-down switching regulators: SWA, SWB and SWC
• Programmable dual-phase and single-phase
regulator for SWA and SWB
• Two LDO regulators: VOUT_1.8V and VOUT_1.0V
• Error injection capability
• Persistent error log registers
• Secure mode and programmable mode of operation
• Independently programmable output voltages,
power-up and power-down sequence for switch regulators
• Output power-good status reporting mechanism
• VIN_Bulk input supply protection feature: Input over
voltage and input under voltage
• Output switch regulators protection features: Output
over voltage, output under voltage, and output current limiter
• Output current and power measurement, output
current threshold mechanism
• Temperature measurement, temperature warning
threshold, critical temperature shutdown
• Multi Time Programmable (MTP) Non-Volatile Memory (NVM)
• Programmable and DIMM specific registers for customization
• General Status Interrupt (GSI) function
• Flexible Open-Drain IO (I2C) and Push-Pull (I3C Basic) IO support
• Flexible mechanism to enable switch regulators
(with VR_EN pin or VR Enable command on I2C or I3C Basic interface)
• Quiescent Power State (P1 State)
• Acoustic Noise Prevention Control
• Non-Volatile Serial Number storage




Número de pieza similar - R10DO0034EU0100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
R10DO0030EU0100 RENESAS-R10DO0030EU0100 Datasheet
183Kb / 2P
PMIC5200 Power Management Integrated Circuit
Rev.1.00 Apr 18, 2025
R10DO0036EU0100 RENESAS-R10DO0036EU0100 Datasheet
121Kb / 2P
PMIC5030 with Step-Down Switching and LDO Regulators
Rev.1.00 May 13, 2025
More results


Descripción similar - R10DO0034EU0100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC34708 FREESCALE-MC34708 Datasheet
5Mb / 159P
Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
MC34709 FREESCALE-MC34709 Datasheet
4Mb / 142P
Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
MC13892JVLR2 FREESCALE-MC13892JVLR2 Datasheet
260Kb / 2P
Power Management Integrated Circuit (PMIC) for the i.MX35/51
logo
NXP Semiconductors
PF4210 NXP-PF4210 Datasheet
1Mb / 137P
14-channel power management integrated circuit (PMIC) for audio/video applications
Rev. 2.0-14 November 2018
PF1550 NXP-PF1550 Datasheet
1Mb / 150P
Power management integrated circuit (PMIC) for low power application processors
Rev. 5-10 June 2019
PF1510 NXP-PF1510 Datasheet
961Kb / 108P
Power management integrated circuit (PMIC) for low power application processors
Rev. 3-7 April 2020
PF5023 NXP-PF5023 Datasheet
860Kb / 91P
Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
PF5024 NXP-PF5024 Datasheet
871Kb / 93P
Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
Power Management Integrated Circuit
16.Mar.2020 Rev.003
logo
NXP Semiconductors
PF1550 NXP-PF1550_V01 Datasheet
1Mb / 150P
Power management integrated circuit (PMIC) for low power application processors
Rev. 7 - 29 September 2021
More results




Acerca de Renesas Technology Corp


Renesas Technology Corp es una compañía de semiconductores japoneses que proporciona una amplia gama de microcontroladores, sistemas a chips y dispositivos analógicos y de energía para diversas aplicaciones en los mercados automotrices, industriales y de consumo.
La compañía se formó en 2010 a través de la fusión de NEC Electronics Corporation y Renesas Technology Corporation.
Renesas es uno de los mayores proveedores de microcontroladores del mundo y es conocido por su experiencia en el desarrollo de tecnologías avanzadas en áreas como Internet de las cosas (IoT), inteligencia artificial (IA) y electrónica automotriz.
La compañía tiene operaciones en más de 20 países y sus productos se utilizan en una amplia gama de aplicaciones.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com