Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R10DS0335EU0100 Datasheet (PDF) - Renesas Technology Corp

R10DS0335EU0100 Datasheet PDF - Renesas Technology Corp
No. de pieza R10DS0335EU0100
Descarga  R10DS0335EU0100 Descarga
Tamaño del archivo   1991.74 Kbytes
Page   180 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos PMIC5020 with Step-Down Switching and LDO Regulators

R10DS0335EU0100 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
R10DS0335EU0100 Datasheet PDF - Renesas Technology Corp

No. de pieza R10DS0335EU0100
Descarga  R10DS0335EU0100 Click to download

Tamaño del archivo   1991.74 Kbytes
Page   180 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos PMIC5020 with Step-Down Switching and LDO Regulators

R10DS0335EU0100 Datasheet (HTML) - Renesas Technology Corp


R10DS0335EU0100 Detalles de producto

▪ VIN_Bulk input supply range: 4.25V to 15.0V
▪ VIN_Mgmt input supply range: 3.0V to 3.6V
▪ Four step-down switching regulators: SWA, SWB, SWC, and SWD
▪ Programmable dual-phase and single-phase
regulator for SWA and SWB
▪ Three LDO regulators: VBias, VOUT_1.8V, VOUT_1.0V
▪ Automatic switchover from VIN_Mgmt input supply
to VIN_Bulk input supply
▪ Error injection capability
▪ Error log registers
▪ Write-protect mode of operation
▪ Independently programmable output voltages,
power up and power down sequence for switch regulators
▪ Input and output power-good status reporting mechanism
▪ VIN_Bulk input supply protection feature: Input
overvoltage and input undervoltage
▪ Output switch regulators protection feature: Output
overvoltage, output undervoltage, output current limiter
▪ Output current measurement, output current threshold mechanism
▪ Temperature measurement, temperature warning
threshold, critical temperature shutdown
▪ Multi Time Programmable Non-Volatile Memory
▪ Programmable and DIMM specific registers for customization
▪ General Status Interrupt Function
▪ Auto Power-On capability
▪ Flexible Open-Drain IO (3.3V, 2.5V, 1.8V or 1.2V or 1.1V or 1.0V)
or Push-Pull IO (1.2V or 1.1V or 1.0V) Support




Número de pieza similar - R10DS0335EU0100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
R10DS0314EJ0100 RENESAS-R10DS0314EJ0100 Datasheet
337Kb / 15P
16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
More results


Descripción similar - R10DS0335EU0100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LT1375 LINER-LT1375 Datasheet
232Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Linear Technology
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results




Acerca de Renesas Technology Corp


Renesas Technology Corp es una compañía de semiconductores japoneses que proporciona una amplia gama de microcontroladores, sistemas a chips y dispositivos analógicos y de energía para diversas aplicaciones en los mercados automotrices, industriales y de consumo.
La compañía se formó en 2010 a través de la fusión de NEC Electronics Corporation y Renesas Technology Corporation.
Renesas es uno de los mayores proveedores de microcontroladores del mundo y es conocido por su experiencia en el desarrollo de tecnologías avanzadas en áreas como Internet de las cosas (IoT), inteligencia artificial (IA) y electrónica automotriz.
La compañía tiene operaciones en más de 20 países y sus productos se utilizan en una amplia gama de aplicaciones.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com