Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMVC31015 Datasheet (PDF) - Infinite Electronics International, Inc.

FMVC31015 Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza FMVC31015
Descarga  FMVC31015 Descarga
Tamaño del archivo   639.55 Kbytes
Page   4 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos Voltage Controlled Oscillator, 230 MHz to 290 MHz, Pout 2 dBm, Phase Noise of -107 dBc/Hz, 0.5V to 4.5V Tuning Range, SMA

FMVC31015 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
FMVC31015 Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza FMVC31015
Descarga  FMVC31015 Click to download

Tamaño del archivo   639.55 Kbytes
Page   4 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos Voltage Controlled Oscillator, 230 MHz to 290 MHz, Pout 2 dBm, Phase Noise of -107 dBc/Hz, 0.5V to 4.5V Tuning Range, SMA

FMVC31015 Datasheet (HTML) - Infinite Electronics International, Inc.


FMVC31015 Detalles de producto

Features
• Voltage Controlled Oscillator
• 230 MHz to 290 MHz
• 0.5V to 4.5V Tuning Voltage
• Pout: +2 dBm
• Phase Noise: -107 dBc/Hz
• 2nd Harmonic Suppression:
• -8.5 dBc typ
• Tuning Sensitivity: 22 MHz/V
• +12 Volt DC Bias
• SMA Female Connectors
• -40°C to +85°C Operating
• Temperature
• 50 Ohm Design
• Internal Voltage Regulation
• Reverse DC Protection
• Rugged Package Design meets
• Mil-STD-202 Test Conditions
• Applications:
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillators
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
• FMVC31015
• DATA SHEET




Número de pieza similar - FMVC31015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
FMVC31016 FAIRVIEW-FMVC31016 Datasheet
639Kb / 4P
Voltage Controlled Oscillator, 500 MHz to 600 MHz, Pout -2 dBm, Phase Noise of -105 dBc/Hz, 0.5V to 4.5V Tuning Range, SMA
REV 1.0A
FMVC31017 FAIRVIEW-FMVC31017 Datasheet
642Kb / 4P
Voltage Controlled Oscillator, 620 MHz to 660 MHz, Pout 0 dBm, Phase Noise of -110 dBc/Hz, 0.5V to 4.5V Tuning Range, SMA
REV 1.0A
FMVC31018 FAIRVIEW-FMVC31018 Datasheet
641Kb / 4P
Voltage Controlled Oscillator, 850 MHz to 890 MHz, Pout 8 dBm, Phase Noise of -99 dBc/Hz, 0V to 5V Tuning Range, SMA
REV 1.0A
FMVC31019 FAIRVIEW-FMVC31019 Datasheet
643Kb / 4P
Voltage Controlled Oscillator, 900 MHz to 960 MHz, Pout 5.5 dBm, Phase Noise of -110 dBc/Hz, 0.5V to 4.0V Tuning Range, SMA
REV 1.0A
More results


Descripción similar - FMVC31015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE1V31001 PASTERNACK-PE1V31001 Datasheet
429Kb / 5P
0.95 inch Commercial Connectorized Module Voltage Controlled Oscillator (VCO) From 25 MHz to 50 MHz With Phase Noise of -120 dBc/Hz
PE1V31008 PASTERNACK-PE1V31008 Datasheet
423Kb / 5P
0.95 inch Commercial Connectorized Module Voltage Controlled Oscillator (VCO) From 100 MHz to 200 MHz With Phase Noise of -113 dBc/Hz
PE2V000 PASTERNACK-PE2V000 Datasheet
662Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 125 MHz to 250 MHz, Phase Noise of -107 dBc/Hz and 0.175 inch Package
PE2V002 PASTERNACK-PE2V002 Datasheet
652Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 250 MHz to 500 MHz, Phase Noise of -107 dBc/Hz and 0.175 inch Package
PE1V31002 PASTERNACK-PE1V31002 Datasheet
504Kb / 6P
Voltage Controlled Oscillator (VCO) From 30 MHz to 60 MHz, Phase Noise of -119 dBc/Hz and SMA
PE1V31003 PASTERNACK-PE1V31003 Datasheet
514Kb / 6P
Voltage Controlled Oscillator (VCO) From 40 MHz to 80 MHz, Phase Noise of -117 dBc/Hz and SMA
PE1V31004 PASTERNACK-PE1V31004 Datasheet
515Kb / 6P
Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz, Phase Noise of -118 dBc/Hz and SMA
PE1V31005 PASTERNACK-PE1V31005 Datasheet
513Kb / 6P
Voltage Controlled Oscillator (VCO) From 50 MHz to 100 MHz, Phase Noise of -115 dBc/Hz and SMA
PE1V31009 PASTERNACK-PE1V31009 Datasheet
438Kb / 5P
Voltage Controlled Oscillator (VCO) From 200 MHz to 400 MHz, Phase Noise of -106 dBc/Hz and SMA
PE1V31010 PASTERNACK-PE1V31010 Datasheet
518Kb / 6P
Voltage Controlled Oscillator (VCO) From 400 MHz to 800 MHz, Phase Noise of -94 dBc/Hz and SMA
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com