Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMVC11008 Datasheet (PDF) - Infinite Electronics International, Inc.

FMVC11008 Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza FMVC11008
Descarga  FMVC11008 Descarga
Tamaño del archivo   864.79 Kbytes
Page   7 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 75 MHz to 150 MHz, Phase Noise -110 dBc/Hz

FMVC11008 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
FMVC11008 Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza FMVC11008
Descarga  FMVC11008 Click to download

Tamaño del archivo   864.79 Kbytes
Page   7 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 75 MHz to 150 MHz, Phase Noise -110 dBc/Hz

FMVC11008 Datasheet (HTML) - Infinite Electronics International, Inc.


FMVC11008 Detalles de producto

Features
• dBc/Hz @ 10 kHz offset.  Supply Voltage is +15V with a generated output power
• level of +11 dBm and 2nd harmonic output of -20 dBc typical.  The assembly is
• RoHs compliant and available in a compact 0.5 inch SMT package with an industry
• standard mounting footprint.  The bottom surface is copper clad with 2-5 micro
• inches of immersion Gold over 150 - 250 micro inches of Electro less Nickel which
• makes it resistant to oxidation for ease of soldering. The VCO operates over a
• temperature range of -40°C to +85°C and is designed to meet a variety of MIL-
• STD-202 test conditions including Humidity, Shock, and Vibration.
Features
• 75 to 150 MHz Bandwidth
• -110 dBc/Hz @ 10kHz offset
• Tuning Voltage 0V to 18V
• Pout = +11 dBm
• Harmonics = -20 dBc
• RoHs Compliant Assembly
• 0.5” SMT package
• Industry Standard
• Mounting Footprint
• Designed to meet MIL-STD-202
• Environmental Conditions
• Applications:
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
• FMVC11008
• DATA SHEET




Número de pieza similar - FMVC11008

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
FMVC11004 FAIRVIEW-FMVC11004 Datasheet
866Kb / 7P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 40 MHz to 80 MHz, Phase Noise -117 dBc/Hz
REV 1.0
FMVC11005 FAIRVIEW-FMVC11005 Datasheet
749Kb / 5P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 40 MHz to 100 MHz, Phase Noise -118 dBc/Hz
REV 1.0
More results


Descripción similar - FMVC11008

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE1V11007 PASTERNACK-PE1V11007_16 Datasheet
977Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 60 MHz to 120 MHz, Phase Noise of -114 dBc/Hz and 0.5 inch Package
PE1V11008 PASTERNACK-PE1V11008_16 Datasheet
997Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 75 MHz to 150 MHz, Phase Noise of -110 dBc/Hz and 0.5 inch Package
PE1V11010 PASTERNACK-PE1V11010_16 Datasheet
965Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 150 MHz to 300 MHz, Phase Noise of -108 dBc/Hz and 0.5 inch Package
PE1V11016 PASTERNACK-PE1V11016_16 Datasheet
665Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 600 MHz to 1,000 MHz With Phase Noise of -96 dBc/Hz
PE1V12008 PASTERNACK-PE1V12008 Datasheet
968Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 650 MHz to 700 MHz, Phase Noise of -121 dBc/Hz and 0.5 inch Package
PE1V13008 PASTERNACK-PE1V13008_16 Datasheet
568Kb / 7P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 75 MHz to 150 MHz, Phase Noise of -110 dBc/Hz and 0.5 inch Package
PE1V31007 PASTERNACK-PE1V31007 Datasheet
500Kb / 6P
0.95 inch Commercial Connectorized Module Voltage Controlled Oscillator (VCO) From 75 MHz to 150 MHz With Phase Noise of -110 dBc/Hz
PE1V11010 PASTERNACK-PE1V11010 Datasheet
965Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 150 MHz to 300 MHz, Phase Noise of -108 dBc/Hz and 0.5 inch Package
PE1V11016 PASTERNACK-PE1V11016 Datasheet
665Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 600 MHz to 1,000 MHz With Phase Noise of -96 dBc/Hz
PE1V13010 PASTERNACK-PE1V13010 Datasheet
548Kb / 7P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 150 MHz to 300 MHz, Phase Noise of -108 dBc/Hz and 0.5 inch Hermetic Package
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com