Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMWGA3203 Datasheet (PDF) - Infinite Electronics International, Inc.

FMWGA3203 Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza FMWGA3203
Descarga  FMWGA3203 Descarga
Tamaño del archivo   668.57 Kbytes
Page   6 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos WR-19 Waveguide Low Noise Amplifier, U Band, 40 GHz to 60 GHz, 38 dB Gain, 9.5 dBm P1dB, UG383/U-M Flange

FMWGA3203 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
FMWGA3203 Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza FMWGA3203
Descarga  FMWGA3203 Click to download

Tamaño del archivo   668.57 Kbytes
Page   6 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos WR-19 Waveguide Low Noise Amplifier, U Band, 40 GHz to 60 GHz, 38 dB Gain, 9.5 dBm P1dB, UG383/U-M Flange

FMWGA3203 Datasheet (HTML) - Infinite Electronics International, Inc.


FMWGA3203 Detalles de producto

Features
• WR-19 Waveguide Low
• Noise Amplifier
• UG-383/U-M Flange
• 40 GHz to 60 GHz
• U Band
• Small Signal Gain 38 dB typ
• Noise FIgure 4.6 dB typ
• VSWR 2.2:1 typ
• Output P1dB 9.5 dBm typ
• Output Psat +14.5 dBm typ
• DC Bias +6V @ 90 mA typ
• Max RF Input Power
• (CW) -5 dBm
• 50 Ohm Design
• RF Input and Output Waveguide
• Flange UG-383/U-M
• Solder Pins for DC Bias
• Voltage and Ground
• Operational Temperature
• Range -40°C to +80°C
• Rugged and Compact Aluminum
• Gold Plated Package Design




Número de pieza similar - FMWGA3203

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
FMWGA3201 FAIRVIEW-FMWGA3201 Datasheet
668Kb / 6P
WR-28 Waveguide Low Noise Amplifier, Ka Band, 26.5 GHz to 40 GHz, 30 dB Gain, 18 dBm P1dB, UG599/U Flange
REV 1.0 A
FMWGA3202 FAIRVIEW-FMWGA3202 Datasheet
669Kb / 6P
WR-22 Waveguide Low Noise Amplifier, Q Band, 33 GHz to 50 GHz, 32 dB Gain, 20.5 dBm P1dB, UG383/U Flange
REV 1.0 A
FMWGA3204 FAIRVIEW-FMWGA3204 Datasheet
665Kb / 6P
WR-15 Waveguide Low Noise Amplifier, V Band, 50 GHz to 75 GHz, 31 dB Gain, 13 dBm P1dB, UG385/U Flange
REV 1.0 A
FMWGA3205 FAIRVIEW-FMWGA3205 Datasheet
773Kb / 5P
WR-12 Waveguide Low Noise Figure Amplifier at 4.7 dB from 60 GHz to 90 GHz Frequency in E band with 30 dB Gain, Using UG-387/U Flanges
REV 1.1 A
FMWGA3206 FAIRVIEW-FMWGA3206 Datasheet
671Kb / 6P
WR-10 Waveguide Low Noise Amplifier, W Band, 75 GHz to 110 GHz, 30 dB Gain, 6 dBm P1dB, UG387/U-M Flange
REV 1.0 A
More results


Descripción similar - FMWGA3203

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE-W19CA001 PASTERNACK-PE-W19CA001 Datasheet
441Kb / 4P
WR-19 With UG383-U-Mod Flange to 1.85mm Female Waveguide
PE-W19CA002 PASTERNACK-PE-W19CA002 Datasheet
442Kb / 4P
WR-19 With UG383-U-Mod Flange to 1.85mm Male Waveguide to Coax Adapter Operating From 40 GHz to 60 GHz U Band
PE-W19B001 PASTERNACK-PE-W19B001 Datasheet
342Kb / 2P
WR-19 Instrumentation Grade Waveguide E-Bend with UG383-U-Mod Flange Operating from 40 GHz to 60 GHz
PE-W19B002 PASTERNACK-PE-W19B002 Datasheet
344Kb / 2P
WR-19 Instrumentation Grade Waveguide H-Bend with UG383-U-Mod Flange Operating from 40 GHz to 60 GHz
PE-W19CP001-20 PASTERNACK-PE-W19CP001-20 Datasheet
522Kb / 6P
WR-19 20 dB Directional Waveguide Coupler With UG-383 - U Flange and H-Plane Coupled Port From 40 GHz to 60 GHz U Band
PE-W19S001-9 PASTERNACK-PE-W19S001-9 Datasheet
356Kb / 2P
WR-19 Instrumentation Grade Straight Waveguide Section 9 Inch Length with UG383 - U-Mod Flange Operating from 40 GHz to 60 GHz
PE-W19S001-12 PASTERNACK-PE-W19S001-12 Datasheet
356Kb / 2P
WR-19 Instrumentation Grade Straight Waveguide Section 12 Inch Length with UG383 - U-Mod Flange Operating from 40 GHz to 60 GHz
PE15A4023 PASTERNACK-PE15A4023 Datasheet
448Kb / 5P
WR-12, Waveguide Power Amplifier, E Band, 70.5 GHz to 76.5 GHz, 25 dB Gain, 22 dBm Psat, UG-387 - U Flange
PE15A4024 PASTERNACK-PE15A4024 Datasheet
437Kb / 5P
WR-12, Waveguide Power Amplifier, E Band, 80.5 GHz to 86.5 GHz, 20 dB Gain, 19 dBm Psat, UG-387 - U Flange
PE-W19CP001-10 PASTERNACK-PE-W19CP001-10 Datasheet
521Kb / 6P
WR-19 10 dB Directional Waveguide Coupler With UG-383/U Flange and H-Plane Coupled Port From 40 GHz to 60 GHz U Band
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com