Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NJU7078 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJU7078 Datasheet PDF - Nisshinbo Micro Devices Inc.
No. de pieza NJU7078
Descarga  NJU7078 Descarga
Tamaño del archivo   1308.59 Kbytes
Page   21 Pages
Fabricante Electrónico  NISSHINBO [Nisshinbo Micro Devices Inc.]
Página de inicio  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Descripción Electrónicos PRECISION, LOW NOISE, RAIL-TO-RAIL OUTPUT, EXCELLENT EMI IMMUNITY, CMOS OPERATIONAL AMPLIFIERS

NJU7078 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
NJU7078 Datasheet PDF - Nisshinbo Micro Devices Inc.

No. de pieza NJU7078
Descarga  NJU7078 Click to download

Tamaño del archivo   1308.59 Kbytes
Page   21 Pages
Fabricante Electrónico  NISSHINBO [Nisshinbo Micro Devices Inc.]
Página de inicio  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Descripción Electrónicos PRECISION, LOW NOISE, RAIL-TO-RAIL OUTPUT, EXCELLENT EMI IMMUNITY, CMOS OPERATIONAL AMPLIFIERS

NJU7078 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJU7078 Detalles de producto

FEATURES
●High Precision
Low Input Offset Voltage
NJU7076 / NJU7077 150μV max.
NJU7078 200μV max.
Low Offset Voltage Drift 0.5μV/°C typ.
●Low Noise 10nV/√Hz typ.
●Low Input Bias Current 1pA typ.
●Rail-to-Rail Output
RL=10kΩ 0.02V to 4.98V typ. (V+=5V)
RL=600Ω 0.08V to 4.92V typ. (V+=5V)
●Ground Sensing
●Integrated EMI Filter EMIRR=59dB typ. @f=900 MHz
●Operating Voltage 2.2V to 5.5V
●Unity-Gain Stable
●Package
NJU7076 SOT-23-5
NJU7077 MSOP8 (VSP8)*
*meet JEDEC MO-187-DA
NJU7078 SSOP14




Número de pieza similar - NJU7078

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Japan Radio
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
More results


Descripción similar - NJU7078

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
logo
Nisshinbo Micro Devices...
NJU77572 NISSHINBO-NJU77572 Datasheet
1Mb / 22P
10MHz, Low noise, Excellent EMI Immunity, Rail-to-rail I/O, Operational Amplifiers
June 29, 2022 Ver.1.0
NJU77580 NISSHINBO-NJU77580 Datasheet
1Mb / 33P
20MHz, Low noise, Excellent EMI Immunity, Rail-to-rail I/O, Operational Amplifiers
May 24, 2022 Ver.1.2
logo
New Japan Radio
NJMOP277 NJRC-NJMOP277 Datasheet
3Mb / 24P
Excellent EMI Immunity Low Noise, Precision Operational Amplifiers
Ver.2.0
NJU7066 NJRC-NJU7066 Datasheet
1Mb / 18P
PRECISION, LOW NOISE, RAIL-TO-RAIL OUTPUT, EXCELLENT EMI IMMUNITY, CMOS OPERATIONAL AMPLIFIERS
Ver.1.1
logo
Rohm
BD87524FV-LB ROHM-BD87524FV-LB Datasheet
1Mb / 23P
Excellent EMI Immunity Input/Output Rail-to-Rail High Output Drive CMOS Operational Amplifier
15.Nov.2022 Rev.001
BD87522FJ-LB ROHM-BD87522FJ-LB Datasheet
1Mb / 25P
Excellent EMI Immunity High Output Drive Rail-to-Rail Input/Output CMOS Operational Amplifier
11.May.2023 Rev.002
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com