Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMAD1615 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAD1615 Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza FMAD1615
Descarga  FMAD1615 Descarga
Tamaño del archivo   489.85 Kbytes
Page   3 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos Engineering Grade 1.85mm Male (Plug) to 2.4mm Female (Jack) Adapter with Stainless Steel Body

FMAD1615 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
FMAD1615 Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza FMAD1615
Descarga  FMAD1615 Click to download

Tamaño del archivo   489.85 Kbytes
Page   3 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos Engineering Grade 1.85mm Male (Plug) to 2.4mm Female (Jack) Adapter with Stainless Steel Body

FMAD1615 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAD1615 Detalles de producto

Features:
• VSWR of 1.3:1 max
up to 50 GHz
• Gold Over Nickel Plated
Beryllium Copper Contact




Número de pieza similar - FMAD1615

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
FMAD1611 FAIRVIEW-FMAD1611 Datasheet
482Kb / 3P
Engineering Grade 3.5mm Male (Plug) to 3.5mm Male (Plug) Adapter with Stainless Steel Body
REV 1.0 A
FMAD1613 FAIRVIEW-FMAD1613 Datasheet
498Kb / 3P
Engineering Grade 3.5mm Female (Jack) to 3.5mm Female (Jack) Adapter with Stainless Steel Body
REV 1.0 A
FMAD1616 FAIRVIEW-FMAD1616 Datasheet
490Kb / 3P
Engineering Grade 1.85mm Female (Jack) to 2.4mm Male (Plug) Adapter with Stainless Steel Body
REV 1 A
FMAD1617 FAIRVIEW-FMAD1617 Datasheet
492Kb / 3P
Engineering Grade 1.85mm Female (Jack) to 2.4mm Female (Jack) Adapter with Stainless Steel Body
REV 1 A
FMAD1618 FAIRVIEW-FMAD1618 Datasheet
485Kb / 3P
Engineering Grade 2.92mm Male (Plug) to 1.85mm Male (Plug) Adapter with Stainless Steel Body
REV 1 A
More results


Descripción similar - FMAD1615

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE9674 PASTERNACK-PE9674 Datasheet
84Kb / 1P
1.85mm FEMALE TO 2.4mm MALE PRECISION ADAPTER
PE7403-3 PASTERNACK-PE7403-3 Datasheet
198Kb / 2P
3 dB Fixed Attenuator, 1.85mm Male To 1.85mm Female Passivated Stainless Steel Body
PE7403-6 PASTERNACK-PE7403-6 Datasheet
198Kb / 2P
6 dB Fixed Attenuator, 1.85mm Male To 1.85mm Female Passivated Stainless Steel Body
PE7403-20 PASTERNACK-PE7403-20 Datasheet
198Kb / 2P
20 dB Fixed Attenuator, 1.85mm Male To 1.85mm Female Passivated Stainless Steel Body
PE7403-30 PASTERNACK-PE7403-30 Datasheet
198Kb / 2P
30 dB Fixed Attenuator, 1.85mm Male To 1.85mm Female Passivated Stainless Steel Body
PE7089-3 PASTERNACK-PE7089-3_16 Datasheet
270Kb / 5P
3 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
PE7089-6 PASTERNACK-PE7089-6_16 Datasheet
270Kb / 5P
6 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
PE7089-10 PASTERNACK-PE7089-10_16 Datasheet
269Kb / 5P
10 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
PE7089-20 PASTERNACK-PE7089-20_16 Datasheet
270Kb / 5P
20 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
PE7089-30 PASTERNACK-PE7089-30_16 Datasheet
269Kb / 5P
30 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com