Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IS61C5128AS Datasheet (PDF) - Integrated Silicon Solution, Inc

IS61C5128AS Datasheet PDF - Integrated Silicon Solution, Inc
No. de pieza IS61C5128AS
Descarga  IS61C5128AS Descarga
Tamaño del archivo   465.42 Kbytes
Page   18 Pages
Fabricante Electrónico  ISSI [Integrated Silicon Solution, Inc]
Página de inicio  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Descripción Electrónicos 512K x 8 HIGH-SPEED CMOS STATIC RAM

IS61C5128AS Datasheet (PDF)

Go To PDF Page Descarga Datasheet
IS61C5128AS Datasheet PDF - Integrated Silicon Solution, Inc

No. de pieza IS61C5128AS
Descarga  IS61C5128AS Click to download

Tamaño del archivo   465.42 Kbytes
Page   18 Pages
Fabricante Electrónico  ISSI [Integrated Silicon Solution, Inc]
Página de inicio  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Descripción Electrónicos 512K x 8 HIGH-SPEED CMOS STATIC RAM

IS61C5128AS Datasheet (HTML) - Integrated Silicon Solution, Inc


IS61C5128AS Detalles de producto

FEATURES
HIGH SPEED: (IS61/64C5128AL)
• High-speed access time: 10ns, 12 ns
• Low Active Power: 150 mW (typical)
• Low Standby Power: 10 mW (typical)
CMOS standby
LOW POWER: (IS61/64C5128AS)
• High-speed access time: 25ns
• Low Active Power: 75 mW (typical)
• Low Standby Power: 1 mW (typical)
CMOS standby
• TTL compatible interface levels
• Single 5V ± 10% power supply
• Fully static operation: no clock or refresh
required
• Available in 32-pin sTSOP-I, 32-pin SOP, 44-pin
TSOP-II and 32-pin TSOP-II packages
• Commercial, Industrial and Automotive temperature
ranges available
• Lead-free available




Número de pieza similar - IS61C5128AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Silicon Solu...
IS61C5128AS ISSI-IS61C5128AS Datasheet
382Kb / 19P
512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AS-25HI ISSI-IS61C5128AS-25HI Datasheet
382Kb / 19P
512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AS-25HLI ISSI-IS61C5128AS-25HLI Datasheet
382Kb / 19P
512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AS-25QI ISSI-IS61C5128AS-25QI Datasheet
382Kb / 19P
512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AS-25QLI ISSI-IS61C5128AS-25QLI Datasheet
382Kb / 19P
512K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Descripción similar - IS61C5128AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mosel Vitelic, Corp
V62C1804096 MOSEL-V62C1804096 Datasheet
157Kb / 10P
512K X 8, CMOS STATIC RAM
logo
Integrated Silicon Solu...
61LV5128 ISSI-61LV5128 Datasheet
73Kb / 9P
512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV5128AL ISSI-IS61LV5128AL Datasheet
99Kb / 13P
512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61LV5128 ICSI-IC61LV5128 Datasheet
157Kb / 9P
512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV5128 ICSI-IS61LV5128 Datasheet
443Kb / 8P
512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1049 PYRAMID-P4C1049 Datasheet
210Kb / 12P
HIGH SPEED 512K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61C5128AL ISSI-IS61C5128AL Datasheet
382Kb / 19P
512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61WV5128ALL ISSI-IS61WV5128ALL Datasheet
585Kb / 25P
512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV5128BLL-10TLI ISSI-IS61WV5128BLL-10TLI Datasheet
586Kb / 26P
512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C5128BL-45QLI ETC2-IS62C5128BL-45QLI Datasheet
512Kb / 14P
512K x 8 HIGH-SPEED CMOS STATIC RAM
More results




Acerca de Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com