Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN2-1K5B Datasheet (PDF) - Bourns Electronic Solutions

SN2-1K5B Datasheet PDF - Bourns Electronic Solutions
No. de pieza SN2-1K5B
Descarga  SN2-1K5B Descarga
Tamaño del archivo   590.15 Kbytes
Page   4 Pages
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Descripción Electrónicos S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns

SN2-1K5B Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SN2-1K5B Datasheet PDF - Bourns Electronic Solutions

No. de pieza SN2-1K5B
Descarga  SN2-1K5B Click to download

Tamaño del archivo   590.15 Kbytes
Page   4 Pages
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Descripción Electrónicos S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns

SN2-1K5B Datasheet (HTML) - Bourns Electronic Solutions


SN2-1K5B Detalles de producto

Features
Formerly a Riedon™ product
Resistances from 0.005 to 50 kΩ
Resistance tolerances as low as ±0.05 %
Power rating: 0.5 to 4 watts
High temperature rating (+275 °C)
TCR as low as ±20 PPM/°C
Superior surge handling capability
Non-inductive windings are available (Type SN)
Flame resistant per UL 94V-0
RoHS compliant




Número de pieza similar - SN2-1K5B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ML Accessories Limited....
SN2000 KNIGHTSBRIDGE-SN2000 Datasheet
168Kb / 1P
10AX 1G 2-way Switch
25/03/2024
logo
Burr-Brown (TI)
SN200501036DRE4 BURR-BROWN-SN200501036DRE4 Datasheet
1Mb / 19P
MicroPOWER INSTRUMENTATION AMPLIFIER Single and Dual Versions
logo
Texas Instruments
SN200608044 TI1-SN200608044 Datasheet
1Mb / 49P
PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
SN200608044 TI2-SN200608044 Datasheet
780Kb / 51P
PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR
REVISED JUNE 2008
SN200806103ECDBR TI1-SN200806103ECDBR Datasheet
574Kb / 18P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
More results


Descripción similar - SN2-1K5B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Riedon Powertron
SSL RIEDON-SSL_14 Datasheet
215Kb / 2P
Surface Mount Wirewound Resistors
S4-10RF1 RIEDON-S4-10RF1 Datasheet
198Kb / 2P
Surface Mount Wirewound Resistors
S1-0R039J8 RIEDON-S1-0R039J8 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S2-0R2F2 RIEDON-S2-0R2F2 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S2-680RF1 RIEDON-S2-680RF1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-0R005J8 RIEDON-S3-0R005J8 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-100RF1 RIEDON-S3-100RF1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-150RF1 RIEDON-S3-150RF1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S4-0R015F1 RIEDON-S4-0R015F1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S5-100RJ2 RIEDON-S5-100RJ2 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
More results




Acerca de Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com