Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5333500G00RSDBYNE Datasheet (PDF) - Elma Electronic Ltd

5333500G00RSDBYNE Datasheet PDF - Elma Electronic Ltd
No. de pieza 5333500G00RSDBYNE
Descarga  5333500G00RSDBYNE Descarga
Tamaño del archivo   981.96 Kbytes
Page   2 Pages
Fabricante Electrónico  ELMA [Elma Electronic Ltd]
Página de inicio  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Descripción Electrónicos 5332/3 6Gbps Dual Drive Carrier

5333500G00RSDBYNE Datasheet (PDF)

Go To PDF Page Descarga Datasheet
5333500G00RSDBYNE Datasheet PDF - Elma Electronic Ltd

No. de pieza 5333500G00RSDBYNE
Descarga  5333500G00RSDBYNE Click to download

Tamaño del archivo   981.96 Kbytes
Page   2 Pages
Fabricante Electrónico  ELMA [Elma Electronic Ltd]
Página de inicio  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Descripción Electrónicos 5332/3 6Gbps Dual Drive Carrier

5333500G00RSDBYNE Datasheet (HTML) - Elma Electronic Ltd


5333500G00RSDBYNE Detalles de producto

Features
• Largest available capacity in a single 3U VPX slot with dual SATA drives
o Compliant with OpenVPXTM (VITA 65) profile SLT3-STO-2U-14.5.1
• Solid state SLC, MLC drive or rotating 2.5” drives
• Designed for 5HP slot width and REDI offset faceplate
• 5HP VITA 48 REDI primary and secondary side covers
• Air cooled (5332) and conduction cooled (5333) configurations with optional
conformal coating and extended temperature operation
• 5332 Supports 1 drive in 4HP slot with no REDI covers
5333 requires REDI covers and 5HP slot




Número de pieza similar - 5333500G00RSDBYNE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Festo Corporation.
533350 FESTO-533350 Datasheet
105Kb / 2P
Air solenoid valve
More results


Descripción similar - 5333500G00RSDBYNE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MMBD352LT1 ONSEMI-MMBD352LT1_06 Datasheet
93Kb / 3P
Dual Hot Carrier Mixer Diodes
September, 2006 ??Rev. 6
MMBD352LT1G ONSEMI-MMBD352LT1G_07 Datasheet
122Kb / 3P
Dual Hot Carrier Mixer Diodes
August, 2009 ??Rev. 7
logo
Integrated Device Techn...
89HP0604SB IDT-89HP0604SB Datasheet
565Kb / 22P
4 Channel 6Gbps SAS/SATA Signal Repeater
logo
Shenzhen Luguang Electr...
MMBD352 LUGUANG-MMBD352 Datasheet
237Kb / 2P
Dual Hot Carrier Mixer Diodes
MMBD452 LUGUANG-MMBD452 Datasheet
241Kb / 2P
Dual Hot Carrier Mixer Diodes
logo
Diode Semiconductor Kor...
MMBD452 DSK-MMBD452 Datasheet
227Kb / 3P
Dual Hot-Carrier Diodes
logo
ON Semiconductor
MMBD352LT1G ONSEMI-MMBD352LT1G Datasheet
127Kb / 3P
Dual Hot Carrier Mixer Diodes
October, 2016 ??Rev. 9
MMBD452LT1G ONSEMI-MMBD452LT1G Datasheet
123Kb / 3P
Dual Hot-Carrier Diodes
October, 2016 ??Rev. 5
logo
Galaxy Semi-Conductor H...
MMBD452 BILIN-MMBD452 Datasheet
155Kb / 3P
Dual Hot-Carrier Diodes
Rev.A
logo
List of Unclassifed Man...
ASM1061 ETC2-ASM1061 Datasheet
341Kb / 19P
SATA 6Gbps Controller
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com