Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-070A Datasheet (PDF) - Broadcom Corporation.

HCPL-070A Datasheet PDF - Broadcom Corporation.
No. de pieza HCPL-070A
Descarga  HCPL-070A Descarga
Tamaño del archivo   909.54 Kbytes
Page   19 Pages
Fabricante Electrónico  BOARDCOM [Broadcom Corporation.]
Página de inicio  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Descripción Electrónicos Very Low Power Consumption High-Gain Optocouplers

HCPL-070A Datasheet (PDF)

Go To PDF Page Descarga Datasheet
HCPL-070A Datasheet PDF - Broadcom Corporation.

No. de pieza HCPL-070A
Descarga  HCPL-070A Click to download

Tamaño del archivo   909.54 Kbytes
Page   19 Pages
Fabricante Electrónico  BOARDCOM [Broadcom Corporation.]
Página de inicio  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Descripción Electrónicos Very Low Power Consumption High-Gain Optocouplers

HCPL-070A Datasheet (HTML) - Broadcom Corporation.


HCPL-070A Detalles de producto

Description
These Broadcom® devices are very low power consumption, high-gain, single- and dual-channel optocouplers. The HCPL-4701 represents the single-channel, 8-pin DIP configuration and is pin compatible with the industry-standard 6N139. The HCPL-4731 represents the dual-channel 8-pin DIP configuration and is pin compatible with the popular standard HCPL-2731. The HCPL-070A and HCPL-073A are the equivalent single- and dual-channel products in an SO-8 footprint. Each channel can be driven with an input current as low as 40 μA and has a typical current transfer ratio of 3500%.
These high-gain couplers use an AlGaAs LED and an integrated high-gain photodetector to provide an extremely high current transfer ratio between input and output. Separate pins for the photodiode and output stage results in TTL compatible saturation voltages and high-speed operation. Where desired, the VCC and VO terminals can be tied together to achieve conventional Darlington operation (single-channel package only).
These devices are designed for use in CMOS, LSTTL, or other low power applications. They are especially well suited for ISDN telephone interface and battery-operated applications due to the low power consumption. A 700% minimum current transfer ratio is guaranteed from 0°C to 70°C operating temperature range at 40 μA of LED current and VCC ≥ 3V.
The SO-8 does not require through holes in a PCB. This package occupies approximately one-third the footprint area of the standard dual-in-line package. The lead profile is designed to be compatible with standard surface-mount processes.

Features
 Ultra low input current capability: 40 μA
 Specified for 3V operation
– Typical power consumption: <1 mW
– Input power: <50 μW
– Output power: <500 μW
 Will operate with VCC as low as 1.6V
 High current transfer ratio: 3500% at IF = 40 μA
 TTL and CMOS compatible output
 Specified ac and dc performance over temperature:
0°C to 70°C
 Safety approval
– UL recognized: 3750 Vrms for 1 minute and 5000 Vrms
for 1 minute per UL1577
– CSA approved
– IEC/EN/DIN EN 60747-5-5 approved with
VIORM = 630V peak
(Option 060) for HCPL-4701
 8-pin product compatible with 6N138/6N139 and
HCPL-2730/HCPL-2731
 Available in 8-pin DIP and SOIC-8 footprint
 Through-hole and surface-mount assembly available
Applications
 Battery-operated applications
 ISDN telephone interface
 Ground isolation between logic families – TTL, LSTTL,
CMOS, HCMOS, HL-CMOS, LV-HCMOS
 Low input current line receiver
 EIA RS-232C line receiver
 Telephone ring detector
 AC line voltage status indicator – low input power
dissipation
 Low power systems – ground isolation
 Portable system I/O interface




Número de pieza similar - HCPL-070A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-070A HP-HCPL-070A Datasheet
298Kb / 16P
Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070A AVAGO-HCPL-070A Datasheet
446Kb / 17P
Very Low Power Consumption High Gain Optocouplers
HCPL-070A AVAGO-HCPL-070A Datasheet
446Kb / 17P
Very Low Power Consumption High Gain Optocouplers
logo
Broadcom Corporation.
HCPL-070A BOARDCOM-HCPL-070A Datasheet
54Kb / 3P
Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070A-000E AVAGO-HCPL-070A-000E Datasheet
446Kb / 17P
Very Low Power Consumption High Gain Optocouplers
More results


Descripción similar - HCPL-070A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
Low Input Current, High Gain Optocouplers
HCPL47XX HP-HCPL47XX Datasheet
298Kb / 16P
Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
Low Input Current, High Gain Optocouplers
HCPL-070A-000E AVAGO-HCPL-070A-000E Datasheet
446Kb / 17P
Very Low Power Consumption High Gain Optocouplers
HCPL-4701-500E AVAGO-HCPL-4701-500E Datasheet
446Kb / 17P
Very Low Power Consumption High Gain Optocouplers
HCPL-073A-500E AVAGO-HCPL-073A-500E Datasheet
446Kb / 17P
Very Low Power Consumption High Gain Optocouplers
logo
ATMEL Corporation
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
Very Low Power Consumption
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
Very Low Power Consumption
More results




Acerca de Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com