Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2W06 Datasheet (PDF) - SEP ELECTRONIC CORP.

2W06 Datasheet PDF - SEP ELECTRONIC CORP.
No. de pieza 2W06
Descarga  2W06 Descarga
Tamaño del archivo   65.93 Kbytes
Page   2 Pages
Fabricante Electrónico  SEP [SEP ELECTRONIC CORP.]
Página de inicio  http://www.sep-semi.com/index.htm
Logo SEP - SEP ELECTRONIC CORP.
Descripción Electrónicos 2.0 A Single-Phase Silicon Bridge Rectifier

2W06 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
2W06 Datasheet PDF - SEP ELECTRONIC CORP.

No. de pieza 2W06
Descarga  2W06 Click to download

Tamaño del archivo   65.93 Kbytes
Page   2 Pages
Fabricante Electrónico  SEP [SEP ELECTRONIC CORP.]
Página de inicio  http://www.sep-semi.com/index.htm
Logo SEP - SEP ELECTRONIC CORP.
Descripción Electrónicos 2.0 A Single-Phase Silicon Bridge Rectifier

2W06 Datasheet (HTML) - SEP ELECTRONIC CORP.


2W06 Detalles de producto

Features
This series is UL listed under the Recognized
Component Index, file number E142814
The plastic material used carries Underwriters Laboratory
flammability recognition 94V-0
Ideal for printed circuit board mounting
High temperature soldering guaranteed 265 C /10
seconds at 5 lbs (2.3kg) tension




Número de pieza similar - 2W06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
2W06 WTE-2W06 Datasheet
46Kb / 3P
2.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
2W06 JGD-2W06 Datasheet
178Kb / 2P
SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
2W06 SSE-2W06 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Bytes
2W06 BYTES-2W06 Datasheet
145Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Shanghai Lunsure Electr...
2W06 CHENYI-2W06 Datasheet
137Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
More results


Descripción similar - 2W06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE166 NTE-NTE166 Datasheet
18Kb / 2P
Single Phase Bridge Rectifier 2.0 Amp
logo
First Components Intern...
KBP200 FCI-KBP200 Datasheet
129Kb / 2P
2.0 Amp SINGLE PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
First Components Intern...
KBJ200 FCI-KBJ200 Datasheet
67Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier High surge current capability
logo
Olitech Electronics Co....
2W005A OLITECH-2W005A Datasheet
229Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier
logo
Gaomi Xinghe Electronic...
KBP2005 GXELECTRONICS-KBP2005 Datasheet
870Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier
logo
Shenzhen Yixinwei Techn...
2W005 YIXIN-2W005 Datasheet
146Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier
KBL6005 YIXIN-KBL6005 Datasheet
135Kb / 2P
6.0 A Single-Phase Silicon Bridge Rectifier
KBP301 YIXIN-KBP301 Datasheet
127Kb / 2P
2.0 A Single-Phase Silicon Bridge Rectifier
logo
List of Unclassifed Man...
KBL005 ETC-KBL005 Datasheet
26Kb / 2P
4.0 A Single-Phase Silicon Bridge Rectifier
2003 SEP ELECTRONIC CORP.
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com