Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

457730006 Datasheet (PDF) - Molex Electronics Ltd.

457730006 Datasheet PDF - Molex Electronics Ltd.
No. de pieza 457730006
Descarga  457730006 Descarga
Tamaño del archivo   86.45 Kbytes
Page   5 Pages
Fabricante Electrónico  MOLEX [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Descripción Electrónicos PremiumGrade Hand Crimp Tool for Micro-Fit 3.0 Terminals, 30-20 AWG

457730006 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
457730006 Datasheet PDF - Molex Electronics Ltd.

No. de pieza 457730006
Descarga  457730006 Click to download

Tamaño del archivo   86.45 Kbytes
Page   5 Pages
Fabricante Electrónico  MOLEX [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Descripción Electrónicos PremiumGrade Hand Crimp Tool for Micro-Fit 3.0 Terminals, 30-20 AWG

457730006 Datasheet (HTML) - Molex Electronics Ltd.


457730006 Detalles de producto

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description PremiumGrade Hand Crimp Tool
for Micro-Fit 3.0 Terminals, 30-20
AWG
Comments See Tooling Specification (PDF)
Above; Type: 4D
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name PremiumGrade
Tool Type Hand Crimp Tool
UPC 800756936826
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Número de pieza similar - 457730006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Festo Corporation.
4577 FESTO-4577 Datasheet
79Kb / 1P
Toggle lever valve
4/10/22
logo
Heyco.
4577 HEYCO-4577 Datasheet
267Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
KISTLER INSTRUMENT CORP...
4577A KISTLER-4577A Datasheet
420Kb / 2P
Strain Gage Miniature Load Cell for Compression Forces, 0,1 ... 200 kN
4577A100C1 KISTLER-4577A100C1 Datasheet
420Kb / 2P
Strain Gage Miniature Load Cell for Compression Forces, 0,1 ... 200 kN
4577A100C3 KISTLER-4577A100C3 Datasheet
420Kb / 2P
Strain Gage Miniature Load Cell for Compression Forces, 0,1 ... 200 kN
More results


Descripción similar - 457730006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
200218-5400 MOLEX-200218-5400 Datasheet
1Mb / 8P
Hand Crimp Tool for Micro-Fit Terminals
12-21-18
63819-2900 MOLEX-63819-2900 Datasheet
587Kb / 7P
Hand Crimp Tool For Low Force Micro-Fit 3.0??Crimp Terminals
09-22-10
ATS-638190000 MOLEX-ATS-638190000 Datasheet
962Kb / 8P
Hand Crimp Tool For Micro-Fit 3.0??Crimp Terminals
06-23-16
ATS-638280200 MOLEX-ATS-638280200 Datasheet
659Kb / 8P
Hand Crimp Tool for Micro-Fit 3.0 Crimp Terminals
09-11-17
200218-6000 MOLEX-200218-6000 Datasheet
1Mb / 8P
Hand Crimp Tool for Micro-Fit Terminals
06-05-19
200218-5500 MOLEX-200218-5500 Datasheet
1Mb / 8P
Hand Crimp Tool for Micro-Fit Terminals
12-10-18
213309-4500 MOLEX-213309-4500 Datasheet
1Mb / 8P
Hand Crimp Tool for Micro-Fit Terminals
07-26-21
2002185600 MOLEX-2002185600 Datasheet
1Mb / 8P
Hand Crimp Tool for Micro-Fit Terminals
12-21-18
0638118200 MOLEX-0638118200 Datasheet
27Kb / 2P
PremiumGrade Hand Crimp Tool for KK 2.54mm Crimp Terminals, 22-30 AWG
08/25/2022
0638190000 MOLEX-0638190000 Datasheet
49Kb / 4P
PremiumGrade Hand Crimp Tool for Micro-Fit 3.0 Terminals, 20-30 AWG
08/26/2022
More results




Acerca de Molex Electronics Ltd.


Molex Electronics Ltd. es una subsidiaria de Koch Industries, Inc., y es un fabricante global de soluciones de interconexión electrónica y de fibra óptica.

La compañía fue fundada en 1938 y tiene su sede en Lisle, Illinois.

Molex ofrece una amplia gama de productos de interconexión que incluyen conectores, conjuntos de cables, interruptores y otros componentes pasivos.

Estos productos se utilizan en diversas industrias, incluidas automotriz, comunicaciones de datos, electrónica de consumo, equipos industriales, dispositivos médicos y telecomunicaciones.

Con operaciones e instalaciones en más de 40 países, Molex es conocido por su liderazgo de innovación y tecnología en el mercado de soluciones de interconexión.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com