Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4070-77 Datasheet (PDF) - SYC Electronica

CD4070-77 Datasheet PDF - SYC Electronica
No. de pieza CD4070-77
Descarga  CD4070-77 Descarga
Tamaño del archivo   124.49 Kbytes
Page   8 Pages
Fabricante Electrónico  SYC [SYC Electronica]
Página de inicio  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Descripción Electrónicos CMOS Quad Exclusive OR and Exclusive NOR Gates

CD4070-77 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CD4070-77 Datasheet PDF - SYC Electronica

No. de pieza CD4070-77
Descarga  CD4070-77 Click to download

Tamaño del archivo   124.49 Kbytes
Page   8 Pages
Fabricante Electrónico  SYC [SYC Electronica]
Página de inicio  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Descripción Electrónicos CMOS Quad Exclusive OR and Exclusive NOR Gates

CD4070-77 Datasheet (HTML) - SYC Electronica


CD4070-77 Detalles de producto

Features
• High Voltage Types (20V Rating)
• CD4070BMS - Quad Exclusive OR Gate
• CD4077BMS - Quad Exclusive NOR Gate
• Medium Speed Operation
- tPHL, tPLH = 65ns (Typ.) at VDD = 10V, CL = 50pF
• 5V, 10V and 15V Parametric Ratings
• Standardized, Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1μA at 18V Over Full Package
Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Logical Comparators
• Parity Generators and Checkers
• Adders/Subtractors




Número de pieza similar - CD4070-77

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
CD4070 NSC-CD4070 Datasheet
121Kb / 6P
Quad 2-Input EXCLUSIVE-OR, NOR Gate
logo
Texas Instruments
CD4070 TI-CD4070 Datasheet
68Kb / 8P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Fairchild Semiconductor
CD4070 FAIRCHILD-CD4070 Datasheet
53Kb / 5P
Quad 2-Input EXCLUSIVE-OR Gate
logo
Intersil Corporation
CD4070 INTERSIL-CD4070 Datasheet
72Kb / 8P
CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
List of Unclassifed Man...
CD4070 ETC2-CD4070 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Descripción similar - CD4070-77

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4070B TI-CD4070B Datasheet
68Kb / 8P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
SN54S135 TI-SN54S135 Datasheet
64Kb / 3P
QUADRUPLE EXCLUSIVE-OR/NOR GATES
logo
Intersil Corporation
CD4070BMS INTERSIL-CD4070BMS Datasheet
72Kb / 8P
CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Renesas Technology Corp
HD74HC7266P RENESAS-HD74HC7266P Datasheet
83Kb / 7P
Quad. 2-input Exclusive-NOR Gates
logo
Texas Instruments
CD4070B TI1-CD4070B Datasheet
1Mb / 30P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4070BM96G4 TI-CD4070BM96G4 Datasheet
1Mb / 30P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
SN54S135 TI1-SN54S135_14 Datasheet
256Kb / 8P
QUADRUPLE EXCLUSIVE- OR/NOR GATES
logo
Renesas Technology Corp
CD4070BMS RENESAS-CD4070BMS Datasheet
336Kb / 8P
CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com