Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4028 Datasheet (PDF) - SYC Electronica

CD4028 Datasheet PDF - SYC Electronica
No. de pieza CD4028
Descarga  CD4028 Descarga
Tamaño del archivo   126.42 Kbytes
Page   10 Pages
Fabricante Electrónico  SYC [SYC Electronica]
Página de inicio  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Descripción Electrónicos CMOS BCD-To-Decimal Decoder

CD4028 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CD4028 Datasheet PDF - SYC Electronica

No. de pieza CD4028
Descarga  CD4028 Click to download

Tamaño del archivo   126.42 Kbytes
Page   10 Pages
Fabricante Electrónico  SYC [SYC Electronica]
Página de inicio  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Descripción Electrónicos CMOS BCD-To-Decimal Decoder

CD4028 Datasheet (HTML) - SYC Electronica


CD4028 Detalles de producto

Features
• High Voltage Type (20V Rating)
• BCD-to-Decimal Decoding or Binary-to-Octal Decoding
• High Decoded Output Drive Capability
• “Positive Logic” Inputs and Outputs - Decoded Outputs
Go High On Selection
• Medium-Speed Operation
- tPHL, tPLH = 80ns (typ) at VDD = 10V
• Standardized Symmetrical Output Characteristics
• 100% Tested For Quiescent Current at 20V
• Maximum Input Current of 1μA at 18V Over Full
Package-Temperature Range;
- 100nA at 18V and +25oC
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”

Applications
• Code Conversion
• Indication-Tube Decoder
• Address Decoding - Memory Selection Control

Description
CD4028BMS types are BCD-to-decimal or binary-to-octal
decoders consisting of buffering on all 4 inputs, decoding
logic gates, and 10 output buffers. A BCD code applied to
the four inputs, A to D, results in a high level at the selected
one of 10 decimal decoded outputs. Similarly, a 3-bit binary
code applied to inputs A through C is decoded in octal code
at output 0 to 7 if D = “0”. High drive capability is provided at
all outputs to enhance dc and dynamic performance in high
fan-out applications.




Número de pieza similar - CD4028

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
CD4028 NSC-CD4028 Datasheet
116Kb / 4P
BCD-to-Decimal Decoder
logo
Texas Instruments
CD4028 TI-CD4028 Datasheet
215Kb / 11P
BCD-TO-CECIMAL DECODER
logo
Fairchild Semiconductor
CD4028 FAIRCHILD-CD4028 Datasheet
53Kb / 6P
BCD-to-Decimal Decoder
logo
Intersil Corporation
CD4028 INTERSIL-CD4028 Datasheet
93Kb / 10P
CMOS BCD-To-Decimal Decoder
December 1992
logo
Texas Instruments
CD4028B TI-CD4028B Datasheet
215Kb / 11P
BCD-TO-CECIMAL DECODER
More results


Descripción similar - CD4028

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
BCD - TO -DECIMAL DECODER
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
BCD-to-Decimal Decoder
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
BCD to Decimal Decoder
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
BCD-to-Decimal Decoder
logo
Intersil Corporation
CD4028BMS INTERSIL-CD4028BMS Datasheet
93Kb / 10P
CMOS BCD-To-Decimal Decoder
December 1992
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
BCD-TO-DECIMAL DECODER
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
BCD-to-Decimal Decoder
logo
Renesas Technology Corp
CD4028BMS RENESAS-CD4028BMS Datasheet
417Kb / 10P
CMOS BCD-To-Decimal Decoder
December 1992
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com