Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPCS0806S Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPCS0806S Datasheet PDF - TECH PUBLIC Electronics co LTD
No. de pieza TPCS0806S
Descarga  TPCS0806S Descarga
Tamaño del archivo   1624.8 Kbytes
Page   5 Pages
Fabricante Electrónico  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Página de inicio  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Descripción Electrónicos Low Capactitance 4-Line Uni-directional TVS Diode

TPCS0806S Datasheet (PDF)

Go To PDF Page Descarga Datasheet
TPCS0806S Datasheet PDF - TECH PUBLIC Electronics co LTD

No. de pieza TPCS0806S
Descarga  TPCS0806S Click to download

Tamaño del archivo   1624.8 Kbytes
Page   5 Pages
Fabricante Electrónico  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Página de inicio  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Descripción Electrónicos Low Capactitance 4-Line Uni-directional TVS Diode

TPCS0806S Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPCS0806S Detalles de producto

Features
Ultra low capacitance: 0.3pF typical (I/O to 1/0)
Ultra low leakage: nA level
Low operating voltage: 5V
Low clamping voltage
Up to 4 data lines and one power line protects
Complies with following standards:
— IEC 61000-4-2 (ESD) immunity test
Air discharge: +25kV
Contact discharge: +20kV
— IEC61000-4-4 (EFT) 40A (5/50ns)
~ IEC61000-4-5 (Lightning) : 4 A(8/20s)
ROHS Compliant




Número de pieza similar - TPCS0806S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TECH PUBLIC Electronics...
TPCS0806P TECHPUBLIC-TPCS0806P Datasheet
2Mb / 4P
Low Capacitance High ESD Level Protection Array For High Speed 1/0 Port
More results


Descripción similar - TPCS0806S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TECH PUBLIC Electronics...
ULC0544P10 TECHPUBLIC-ULC0544P10 Datasheet
2Mb / 5P
Low Capactitance 4-Line Uni-directional TVS Diode
AZ1045-04F-P TECHPUBLIC-AZ1045-04F-P Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS diode
AZ1045-04F TECHPUBLIC-AZ1045-04F Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS diode
AZ1345-04F-P TECHPUBLIC-AZ1345-04F-P Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS diode
ESD0524P TECHPUBLIC-ESD0524P Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS Diode
ESD8104MUTAG-P TECHPUBLIC-ESD8104MUTAG-P Datasheet
1Mb / 4P
Low Capactitance 4-Line Uni-directional TVS Diode
ESDA6V8UD-TP TECHPUBLIC-ESDA6V8UD-TP Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS Diode
RCLAMP0524J TECHPUBLIC-RCLAMP0524J Datasheet
1Mb / 6P
Low Capactitance 4-Line Uni-directional TVS Diode
RCLAMP0524PATCT TECHPUBLIC-RCLAMP0524PATCT Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS Diode
TPAZ176S-04F TECHPUBLIC-TPAZ176S-04F Datasheet
1Mb / 4P
Low Capactitance 4-Line Uni-directional TVS Diode
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com