| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Rohm |
2SB1197K
|
93Kb / 3P |
Low Frequency Transistor(-32V, -0.8A)
|
|
2SD1664
|
118Kb / 3P |
Medium Power Transistor (32V, 1A)
|
 Littelfuse |
0298040
|
223Kb / 2P |
MEGA Fuse Rated 32V
|
 Rohm |
2SB1197K
|
53Kb / 3P |
Low Frequency Transistor (-32V, -0.8A)
|
 Littelfuse |
029707.5U
|
281Kb / 2P |
MINI짰 BLADE FUSE RATED 32V
|
|
0299025.TXN
|
206Kb / 2P |
MAXI Blade Fuse Rated 32V
|
 Rohm |
2SC2411KT146Q
|
78Kb / 4P |
Medium Power Transistor (32V, 0.5A)
|
|
2SB1197KT146R
|
58Kb / 3P |
Low Frequency Transistor (32V, 0.8A)
|
|
2SD1781KT146Q
|
59Kb / 4P |
Medium Power Transistor (32V, 0.8A)
|
 Littelfuse |
277
|
179Kb / 1P |
277 IN-LINE SERIES 32V 20A IN-LINE BLADE FUSE HOLDER
2022 |