Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MT7815B Datasheet (PDF) - Maxic Technology Corporation

MT7815B Datasheet PDF - Maxic Technology Corporation
No. de pieza MT7815B
Descarga  MT7815B Descarga
Tamaño del archivo   332.23 Kbytes
Page   2 Pages
Fabricante Electrónico  MAXIC [Maxic Technology Corporation]
Página de inicio  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation
Descripción Electrónicos PWM/Analog dimmable Non-isolated Constant Current LED Driver

MT7815B Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MT7815B Datasheet PDF - Maxic Technology Corporation

No. de pieza MT7815B
Descarga  MT7815B Click to download

Tamaño del archivo   332.23 Kbytes
Page   2 Pages
Fabricante Electrónico  MAXIC [Maxic Technology Corporation]
Página de inicio  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation
Descripción Electrónicos PWM/Analog dimmable Non-isolated Constant Current LED Driver

MT7815B Datasheet (HTML) - Maxic Technology Corporation


MT7815B Detalles de producto

DESCRIPTION
MT7815B is a high precision LED constant
current controller operating at critical conduction
mode (CRM) with zero current switched-on and
peak current switched-off. It’s mainly targeted for
non-isolated buck LED power systems and
PWM/Analog dimmable application.
Critical conduction mode ensures that the
MT7815B turns on the internal switch when the
inductor current reaches zero, reducing the
switch-on switching losses, and achieving more
than 93% efficiency.
With critical conduction mode, and the input
compensation, MT7815B outputs high accuracy
LED current, and further achieves excellent line
regulation and load regulation.
MT7815B has wide working voltage range, which
is suitable for full-range AC input or 12V ~ 500V
DC input voltage. MT7815B provides various
protection features to improve the system
reliability, including over current protection (OCP),
short circuit protection (SCP), adjustable over
voltage protection (OVP) and over temperature
regulation (OTR), etc.

FEATURES
Critical Conduction Mode, insensitive to the
inductance
PWM/ Analog dimming function
High efficiency (up to 93%)
Highly accurate constant LED current
Cycle-by-cycle current limiting
LED short circuit protection
Adjustable LED over voltage protection
Leading edge blanking technique
Under-voltage lockout (UVLO) protection
Over temperature regulation (OTR)
Available in SOT23-6 package

APPLICATIONS
LED tube, signal lamp, landscape lamp
LED stage light, etc
Intelligent LED lighting application




Número de pieza similar - MT7815B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxic Technology Corpor...
MT7815C MAXIC-MT7815C Datasheet
286Kb / 1P
PWM/Analog dimmable Non-isolated Constant Current LED Driver
More results


Descripción similar - MT7815B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxic Technology Corpor...
MT7815C MAXIC-MT7815C Datasheet
286Kb / 1P
PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7816C MAXIC-MT7816C Datasheet
291Kb / 1P
PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7817CD MAXIC-MT7817CD Datasheet
291Kb / 1P
PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7818C MAXIC-MT7818C Datasheet
291Kb / 1P
PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT9710 MAXIC-MT9710 Datasheet
80Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9712D MAXIC-MT9712D Datasheet
73Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9712S MAXIC-MT9712S Datasheet
72Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9713D MAXIC-MT9713D Datasheet
72Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9714D MAXIC-MT9714D Datasheet
72Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9714S MAXIC-MT9714S Datasheet
64Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com