Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SGM2580B Datasheet (PDF) - SG Micro Corp

SGM2580B Datasheet PDF - SG Micro Corp
No. de pieza SGM2580B
Descarga  SGM2580B Descarga
Tamaño del archivo   860.34 Kbytes
Page   15 Pages
Fabricante Electrónico  SGMICRO [SG Micro Corp]
Página de inicio  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Descripción Electrónicos Power Distribution Switch

SGM2580B Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SGM2580B Datasheet PDF - SG Micro Corp

No. de pieza SGM2580B
Descarga  SGM2580B Click to download

Tamaño del archivo   860.34 Kbytes
Page   15 Pages
Fabricante Electrónico  SGMICRO [SG Micro Corp]
Página de inicio  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Descripción Electrónicos Power Distribution Switch

SGM2580B Datasheet (HTML) - SG Micro Corp


SGM2580B Detalles de producto

GENERAL DESCRIPTION
The SGM2580 is a single channel power distribution
switch. The switch operates from a wide range of 2.5V
to 5.5V supply voltage, and is controlled by the EN pin.
It can be used in USB power distribution applications.
A 100mΩ low RON N-MOSFET is integrated. The small
size and quiescent current make the device very suitable
for space limited, battery-powered applications.
A number of protection features are provided in the
device including soft-start, current limit and thermal
shutdown. Thermal shutdown shuts off the output
MOSFET and asserts the nFAULT output if the die
temperature exceeds +150℃, and the output MOSFET
remains off until the die temperature drops to +130℃.
The nFAULT pin asserts low during fault conditions
after a 13ms blanking time to prevent false reporting.
SGM2580 is available in a Green SOT-23-5 package. It
is rated over the -40℃ to +85℃ temperature range.

FEATURES
● Input Voltage Range: 2.5V to 5.5V
● On-Resistance: 100mΩ (TYP)
● Three Current Limit Levels
SGM2580A/B/G: 1100 ± 110mA
SGM2580C/D/I: 2100 ± 220mA
SGM2580E/F/K: 2600 ± 310mA
● Quiescent Current: 23μA (TYP)
● Shutdown Current: 0.1μA (TYP)
● Full Set of Protections
 Soft-Start
 Under-Voltage Lockout for VIN
 No Reversed Leakage Current
 Thermal Shutdown
 Fault Indication with 13ms Filter
● Quick Output Discharge: SGM2580A/B/C/D/E/F
● EN Pin Pull-Down Resistor: 500kΩ
(SGM2580G/I/K)
● Available in Green SOT-23-5 Package

APPLICATIONS
Digital TV
Set-Top Box
Motherboard USB Power Switch
USB Device Power Switch




Número de pieza similar - SGM2580B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SG Micro Corp
SGM2583 SGMICRO-SGM2583 Datasheet
794Kb / 15P
Power Distribution Switch
FEBRUARY2019 - REV.A.2
SGM2583A SGMICRO-SGM2583A Datasheet
794Kb / 15P
Power Distribution Switch
FEBRUARY2019 - REV.A.2
SGM2583B SGMICRO-SGM2583B Datasheet
794Kb / 15P
Power Distribution Switch
FEBRUARY2019 - REV.A.2
SGM2583C SGMICRO-SGM2583C Datasheet
794Kb / 15P
Power Distribution Switch
FEBRUARY2019 - REV.A.2
SGM2583D SGMICRO-SGM2583D Datasheet
794Kb / 15P
Power Distribution Switch
FEBRUARY2019 - REV.A.2
More results


Descripción similar - SGM2580B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G548S GMT-G548S Datasheet
123Kb / 1P
Power Distribution Switch
G543 GMT-G543 Datasheet
55Kb / 1P
Power Distribution Switch
G5250 GMT-G5250 Datasheet
90Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_17 Datasheet
636Kb / 10P
POWER DISTRIBUTION SWITCH
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
Power Distribution Switch
logo
Global Mixed-mode Techn...
G524A GMT-G524A_V01 Datasheet
2Mb / 19P
Power Distribution Switch
Ver: 0.94 Aug 02, 2016
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com