Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7580029 Datasheet (PDF) - Turck, Inc.

7580029 Datasheet PDF - Turck, Inc.
No. de pieza 7580029
Descarga  7580029 Descarga
Tamaño del archivo   342.77 Kbytes
Page   4 Pages
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Descripción Electrónicos Isolating switching amplifier 1-channel

7580029 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
7580029 Datasheet PDF - Turck, Inc.

No. de pieza 7580029
Descarga  7580029 Click to download

Tamaño del archivo   342.77 Kbytes
Page   4 Pages
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Descripción Electrónicos Isolating switching amplifier 1-channel

7580029 Datasheet (HTML) - Turck, Inc.


7580029 Detalles de producto

Sensors according to EN 60947-5-6 (NAMUR)
or potential-free contacts can be connected
to the IMX12-DI03-1S-2R-SPR/24VDC isolating switching amplifier. The device can be installed in zone 2. The device can be switched
between 1-channel operation with signal doubling or 1-channel operation with alarm message output using DIP switches. The output
circuits are equipped with two changeover relays. The device can be powered from a power bridge that also transmits a collective fault
signal. The device complies with the requirements of the NE21.
The devices feature DIP switches on the
front. This allows to select between the output
mode, the input circuit monitoring, as well as
toggle between signal duplication and 1-channel operation. When using mechanical contacts, either line monitoring must be switched
off or the contact must be wired with resistors
(see wiring diagram).
The green LED indicates operational readiness. An error in the input circuit causes the
red LED to flash according to NE44. The relay of the corresponding output circuit drops
out and the common alarm output switches to
conductive.

)
or potential-free contacts can be connected
to the IMX12-DI03-1S-2R-SPR/24VDC isolating switching amplifier. The device can be installed in zone 2. The device can be switched
between 1-channel operation with signal doubling or 1-channel operation with alarm message output using DIP switches. The output
circuits are equipped with two changeover relays. The device can be powered from a power bridge that also transmits a collective fault
signal. The device complies with the requirements of the NE21.
The devices feature DIP switches on the
front. This allows to select between the output
mode, the input circuit monitoring, as well as
toggle between signal duplication and 1-channel operation. When using mechanical contacts, either line monitoring must be switched
off or the contact must be wired with resistors
(see wiring diagram).
The green LED indicates operational readiness. An error in the input circuit causes the
red LED to flash according to NE44. The relay of the corresponding output circuit drops
out and the common alarm output switches to
conductive.
The device can be used in safety circuits up to
SIL2 (high and low demand according to IEC
61508).
The device is equipped with removable screw
terminals.

■ Relay output (changeover contact)
■ Alarm output (changeover contact)
■ Switchable between: Alarm output or signal doubling
■ Output mode adjustable (open-circuit/closed current mode)
■ Input circuits monitored for wire break/
short circuit (ON/OFF switchable)
■ Complete galvanic isolation
■ Input reverse-polarity protected
■ Removable screw terminals
■ Power bridge (connector incl. in delivery)
■ ATEX use in Zone 2, cUL
■ SIL 2




Número de pieza similar - 7580029

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Turck, Inc.
7580020 TURCK-7580020 Datasheet
229Kb / 4P
Isolating switching amplifier 2-channel
2023-07-21
7580021 TURCK-7580021 Datasheet
354Kb / 4P
Isolating switching amplifier 2-channel
2023-07-21
7580022 TURCK-7580022 Datasheet
228Kb / 4P
Isolating switching amplifier 2-channel
2023-07-21
7580023 TURCK-7580023 Datasheet
388Kb / 5P
Isolating switching amplifier 2-channel
2023-07-21
7580024 TURCK-7580024 Datasheet
226Kb / 4P
Isolating switching amplifier 2-channel
2023-07-21
More results


Descripción similar - 7580029

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
SW2001-EX MORNSUN-SW2001-EX Datasheet
68Kb / 2P
SW20XX-EX Isolating Switching Barrier
TSX00-EX MORNSUN-TSX00-EX Datasheet
453Kb / 3P
Isolating / Safety Switching Barrier
TSX01-EX MORNSUN-TSX01-EX Datasheet
461Kb / 3P
Isolating / Safety Switching Barrier
logo
List of Unclassifed Man...
IM1-22EX-T ETC2-IM1-22EX-T Datasheet
237Kb / 4P
Isolating switching amplifier
logo
PHOENIX CONTACT
2810078 PHOENIX-2810078 Datasheet
306Kb / 10P
Configurable 3-way isolating amplifier
2810793 PHOENIX-2810793 Datasheet
317Kb / 12P
Configurable 3-way isolating amplifier
2865405 PHOENIX-2865405 Datasheet
387Kb / 9P
Output isolating amplifier Ex
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.1 PF-S1SD-1AI-1U.1 Datasheet
813Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-1U.2 PF-S1SD-1AI-1U.2 Datasheet
817Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-2U PF-S1SD-1AI-2U Datasheet
820Kb / 4P
Isolating Amplifier/Splitter
2022-01-10
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com