Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MWCT20D2VLH Datasheet (PDF) - NXP Semiconductors

MWCT20D2VLH Datasheet PDF - NXP Semiconductors
No. de pieza MWCT20D2VLH
Descarga  MWCT20D2VLH Descarga
Tamaño del archivo   1112.1 Kbytes
Page   76 Pages
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors
Descripción Electrónicos Supports MWCT20D2AVLH, MWCT2012AVLH and MWCT20D2VLH

MWCT20D2VLH Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MWCT20D2VLH Datasheet PDF - NXP Semiconductors

No. de pieza MWCT20D2VLH
Descarga  MWCT20D2VLH Click to download

Tamaño del archivo   1112.1 Kbytes
Page   76 Pages
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors
Descripción Electrónicos Supports MWCT20D2AVLH, MWCT2012AVLH and MWCT20D2VLH

MWCT20D2VLH Datasheet (HTML) - NXP Semiconductors


MWCT20D2VLH Detalles de producto

The series of MWCT2xx2A is an automotive wireless power transmitter controller that integrates all required functions for Wireless Power Consortium (WPC) "Qi" compliant wireless power transmitter design. It is a safe and secure device which utilizes the DSASS security module to support on-chip Qi authentication. To maximize the design flexibility and product differentiation, this family supports both WPC's baseline power profile and extended power profile in automotive/industrial/consumer power transmitter designs, using the fixed operation frequency control methods such as rail voltage control, phase shift control or duty cycle control etc. In addition, the easy-to-use NXP's FreeMASTER GUI tool has configuration, calibration and debugging functions to provide the user-friendly design experience and reduce time-to-market. This family supports up to 2 digital demodulation modules to reduce the external components, up to 2 FSK modulation modules to support two-way communication, protection module to perform the over- voltage/ current/temperature protection, FOD module to provide the protection of overheating by misplaced metallic foreign objects on each charging pad, and general I2C/SCI/SPI interfaces for external communications. It is also able to process any abnormal condition and operational status, and provides comprehensive indicator outputs for robust system design.

Features
• Compliant with the latest version WPC Qi
specification's power transmitter design
• On-chip security module supports authentication
required in WPC Qi specification
• Support both EPP and BPP as well as customer
proprietary protocol to enable fast charging and
authentication
• Support wide transmitter DC input voltage range (from
5 V to 48 V)
• Integrated digital demodulation
• Support two-way communication, transmitter to
receiver by FSK and receiver to transmitter by ASK
• Support Q factor detection and calibrated power loss
based Foreign Object Detection (FOD) framework
• Low standby power
• I2C/SCI/SPI interfaces
• LED for system status indication
• Over-voltage/current/temperature protection
• Software based solution to provide the design
flexibility as well as product upgrade without
hardware changes
• AEC-Q100 qualified and PPAP capable

Applications
• Wireless Power Transmitters:
• Automotive and Industrial and Consumer
• Single coil or multi-coil
• Single Transmitter or Multi Transmitters
controlled by the same device
• WPC Baseline and Extended Power Profile
(BPP and EPP) compliant
• Customer proprietary protocols and all Qi
topologies supported




Número de pieza similar - MWCT20D2VLH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MWCT20D2 NXP-MWCT20D2 Datasheet
1Mb / 76P
Supports MWCT20D2AVLH, MWCT2012AVLH and MWCT20D2VLH
Rev. 2.1, 05/2024
MWCT20D2A NXP-MWCT20D2A Datasheet
1Mb / 76P
Supports MWCT20D2AVLH, MWCT2012AVLH and MWCT20D2VLH
Rev. 2.1, 05/2024
More results


Descripción similar - MWCT20D2VLH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Axiomtek Co., Ltd.
GOT812 AXIOMTEK-GOT812 Datasheet
300Kb / 2P
Supports suspension and VESA mount
NA-320FL AXIOMTEK-NA-320FL Datasheet
259Kb / 1P
Supports fanless and noiseless operation
NA-813FL AXIOMTEK-NA-813FL Datasheet
211Kb / 1P
Supports fanless and noiseless operation
logo
Integrated Device Techn...
82V3391 IDT-82V3391 Datasheet
60Kb / 5P
Supports 1PPS input and output
logo
Axiomtek Co., Ltd.
NA813FL AXIOMTEK-NA813FL Datasheet
252Kb / 1P
Supports fanless and noiseless operation
logo
ATMEL Corporation
STK505 ATMEL-STK505 Datasheet
158Kb / 11P
Supports the ATtiny24 and ATtiny26
logo
AVAGO TECHNOLOGIES LIMI...
SAS-9305 AVAGO-SAS-9305 Datasheet
698Kb / 2P
Supports SSDs and HDDs and tapedrives
logo
NXP Semiconductors
MC56F80XXX NXP-MC56F80XXX_V01 Datasheet
1Mb / 71P
Supports MC56F807xx and MC56F806xx
Rev. 2.1, 02/2023
S32M2XX NXP-S32M2XX Datasheet
2Mb / 135P
Supports S32M24x and S32M27x
Rev. 3 - 10/2023
MC56F81XXXL NXP-MC56F81XXXL Datasheet
890Kb / 76P
MC56F81xxx Supports MC56F81xxxL and MC56F81xxxA
Rev. 2.1, 12/2023
More results




Acerca de NXP Semiconductors


NXP Semiconductors es una empresa multinacional que cotiza en bolsa que diseña, desarrolla y fabrica una amplia gama de semiconductores y circuitos integrados para diversas aplicaciones, incluidos los mercados automotrices, industriales, de comunicaciones y de consumo.

La compañía fue fundada en 2006 y tiene su sede en Eindhoven, Países Bajos.

NXP ofrece una amplia cartera de productos, incluidos microcontroladores, microprocesadores, IC de autenticación seguros, ICS de administración de energía, componentes de RF y microondas, y soluciones de sensores, entre otros.

Los productos de la compañía están diseñados para ser eficientes en energía, seguros y confiables, y se utilizan en una variedad de aplicaciones, incluidos sistemas automotrices, automatización y control industrial, casas y edificios inteligentes, y dispositivos conectados.

NXP se dedica a la innovación y la satisfacción del cliente, y se compromete a proporcionar a sus clientes las mejores soluciones de semiconductores para satisfacer sus necesidades.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com