Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SNX4LVC00A Datasheet (PDF) - Texas Instruments

SNX4LVC00A Datasheet PDF - Texas Instruments
No. de pieza SNX4LVC00A
Descarga  SNX4LVC00A Descarga
Tamaño del archivo   2684.15 Kbytes
Page   39 Pages
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments
Descripción Electrónicos SNx4LVC00A Quadruple 2-Input Positive-NAND Gates

SNX4LVC00A Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SNX4LVC00A Datasheet PDF - Texas Instruments

No. de pieza SNX4LVC00A
Descarga  SNX4LVC00A Click to download

Tamaño del archivo   2684.15 Kbytes
Page   39 Pages
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments
Descripción Electrónicos SNx4LVC00A Quadruple 2-Input Positive-NAND Gates

SNX4LVC00A Datasheet (HTML) - Texas Instruments


SNX4LVC00A Detalles de producto

1 Features
• ESD protection exceeds JESD 22
– 2000V Human-Body Model
– 1000V Charged-Device Model
• SN74LVC00A operates from 1.65V to 3.6V
• SN54LVC00A operates from 2V to 3.6V
• SNx4LVC00A specified from –40°C to +85°C and
–40°C to +125°C
• SN54LVC00A specified from –55°C to +125°C
• Inputs accept voltages to 5.5V
• Max tpd of 4.3ns at 3.3V
• Typical VOLP (output ground bounce)
< 0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot)
> 2V at VCC = 3.3V, TA = 25°C
• Latch-up performance exceeds 250 mA
per JESD 17
• On products compliant to MIL-PRF-38535,
all parameters are tested unless otherwise noted.
On all other products, production processing does
not necessarily include testing of all parameters.

2 Applications
• AV Receivers
• Audio Docks: Portable
• Blu-Ray Players and Home Theater
• MP3 Players or Recorders
• Personal Digital Assistants (PDAs)
• Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
• Solid State Drives (SSDs): Client and Enterprise
• TVs: LCD, Digital, and High-Definition (HDTV)
• Tablets: Enterprise
• Video Analytics: Server
• Wireless Headsets, Keyboards, and Mice

3 Description
The SN54LVC00A quadruple 2-input positive-NAND
gate is designed for 2.7V to 3.6V VCC operation, and
the SN74LVC00A quadruple 2-input positive-NAND
gate is designed for 1.65V to 3.6V VCC operation.
The SNx4LVC00A devices perform the Boolean
function Y = A • B or Y = A + B in positive logic.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of these devices as
translators in a mixed 3.3V/5V system environment.




Número de pieza similar - SNX4LVC00A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SNX4LVC02A TI1-SNX4LVC02A Datasheet
2Mb / 37P
SN74LVC02A Quadruple 2-Input Positive-NOR Gates
MARCH 2024
SNX4LVC02A TI2-SNX4LVC02A Datasheet
3Mb / 42P
SNx4LVC02A Quadruple 2-Input Positive-NOR Gates
REVISED DECEMBER 2024
SNX4LVC04A TI2-SNX4LVC04A Datasheet
2Mb / 42P
SNx4LVC04A Hex Inverters
REVISED NOVEMBER 2016
SNX4LVC08A TI1-SNX4LVC08A Datasheet
2Mb / 44P
SNx4LVC08A Quadruple 2-Input Positive-AND Gates
MARCH 2024
More results


Descripción similar - SNX4LVC00A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results




Acerca de Texas Instruments


Texas Instruments (TI) es una empresa que cotiza en bolsa que diseña y fabrica productos de tecnología de semiconductores y computadoras.

Fue fundada en 1930 y tiene su sede en Dallas, Texas.

TI es un líder global en la producción de circuitos integrados de procesamiento de señales analógicos y digitales (DSP), así como procesadores integrados y otros productos de microcontroladores.

La compañía atiende a clientes en una variedad de industrias, incluidas automotriz, comunicaciones, informática, industrial y electrónica de consumo.

La cartera de productos de TI incluye convertidores de datos, amplificadores y comparadores, ICS de administración de energía, microcontroladores, sensores y soluciones de conectividad inalámbrica, entre otras.

TI está comprometido con la innovación y la satisfacción del cliente, y tiene una larga historia de entrega de productos confiables de alta calidad a sus clientes.

Con un enfoque en la sostenibilidad y la eficiencia energética, TI se dedica a tener un impacto positivo en el mundo a través de su tecnología y productos.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com