Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7580225 Datasheet (PDF) - Turck, Inc.

7580225 Datasheet PDF - Turck, Inc.
No. de pieza 7580225
Descarga  7580225 Descarga
Tamaño del archivo   1060.27 Kbytes
Page   4 Pages
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Descripción Electrónicos Ultrasonic Sensor – Diffuse Mode Sensor

7580225 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
7580225 Datasheet PDF - Turck, Inc.

No. de pieza 7580225
Descarga  7580225 Click to download

Tamaño del archivo   1060.27 Kbytes
Page   4 Pages
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Descripción Electrónicos Ultrasonic Sensor – Diffuse Mode Sensor

7580225 Datasheet (HTML) - Turck, Inc.


7580225 Detalles de producto

Features
■Rectangular transducer front
■Cylindrical housing M18, potted
■Connection via M12 x 1 male
■Temperature compensation
■Blind zone: 15 cm
■Range: 100 cm
■Resolution: 1 mm
■Aperture angle of sonic cone: ±16 °
■Frequency output 300…2000 Hz (150…
1000 Hz)
■Frequency range selectable via FS control
line (see functional principle)
Functional principle
Ultrasonic sensors capture a multitude
of objects contactless and wear-free with
ultrasonic waves. It does not matter whether
the object is transparent or opaque, metallic
or non-metallic, firm, liquid or powdery. Even
environmental conditions such as spray, dust
or rain hardly affect their function.
The frequency range can be selected via the
control input. If this is connected to ground (-),
the lower frequency range is selected. If it is
not connected to ground or connected to the
supply voltage, the output works in the higher
frequency range.




Número de pieza similar - 7580225

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Turck, Inc.
7580225 TURCK-7580225 Datasheet
460Kb / 4P
Ultrasonic Sensor – Diffuse Mode Sensor
11/07/2023
7580225 TURCK-7580225 Datasheet
448Kb / 4P
Ultrasonic Sensor – Diffuse Mode Sensor
11/07/2023
7580225 TURCK-7580225 Datasheet
1Mb / 4P
Ultrasonic Sensor – Diffuse Mode Sensor
11/07/2023
More results


Descripción similar - 7580225

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pepperl+Fuchs Inc.
GLV30-8-2000-2372 PF-GLV30-8-2000-2372 Datasheet
303Kb / 3P
Diffuse mode sensor
OBD1400-R200-EP-IO-V3 PF-OBD1400-R200-EP-IO-V3 Datasheet
435Kb / 4P
Diffuse mode sensor
OBD1000-R101-2EP-IO-V31 PF-OBD1000-R101-2EP-IO-V31 Datasheet
487Kb / 4P
Diffuse mode sensor
OBD8000-R300-2P1-V1-L PF-OBD8000-R300-2P1-V1-L Datasheet
382Kb / 3P
Diffuse mode sensor
OBD8000-R300-2PP-V1-L PF-OBD8000-R300-2PP-V1-L Datasheet
382Kb / 3P
Diffuse mode sensor
OBD200-18GM60-E5-IR-1C PF-OBD200-18GM60-E5-IR-1C Datasheet
892Kb / 4P
Diffuse mode sensor
2022-08-29
OBD450-18GK40A-E0-V1 PF-OBD450-18GK40A-E0-V1 Datasheet
1Mb / 4P
Diffuse mode sensor
2022-05-12
OBD450-18GM40A-E0-V1 PF-OBD450-18GM40A-E0-V1 Datasheet
997Kb / 4P
Diffuse mode sensor
2022-05-12
OBD500-18GM60-E5-V1-IR-1C PF-OBD500-18GM60-E5-V1-IR-1C Datasheet
1Mb / 4P
Diffuse mode sensor
2022-08-29
OBD600-18GM40-E0-V1 PF-OBD600-18GM40-E0-V1 Datasheet
1Mb / 4P
Diffuse mode sensor
2022-05-12
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com