Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

B57-014-222I822 Datasheet (PDF) - EDAC, All Rights Reserved.

B57-014-222I822 Datasheet PDF - EDAC, All Rights Reserved.
No. de pieza B57-014-222I822
Descarga  B57-014-222I822 Descarga
Tamaño del archivo   84.43 Kbytes
Page   1 Pages
Fabricante Electrónico  EDAC [EDAC, All Rights Reserved.]
Página de inicio  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Descripción Electrónicos B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness

B57-014-222I822 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
B57-014-222I822 Datasheet PDF - EDAC, All Rights Reserved.

No. de pieza B57-014-222I822
Descarga  B57-014-222I822 Click to download

Tamaño del archivo   84.43 Kbytes
Page   1 Pages
Fabricante Electrónico  EDAC [EDAC, All Rights Reserved.]
Página de inicio  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Descripción Electrónicos B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness

B57-014-222I822 Datasheet (HTML) - EDAC, All Rights Reserved.


B57-014-222I822 Detalles de producto

Features


  • Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or
    0.125" (3.125mm) board thickness.

  • Available in 14, 24, 36 and 50 positions.

  • Variety of mounting options available.

  • Intermateable with comparable series connectors.

  • Applications include data control systems, telecom
    interconnect and electronic instrumentation

  • Mounting Posts Provide Positive Location and Retention

  • UL Approved.

  • RoHS Compliant




Número de pieza similar - B57-014-222I822

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EDAC, All Rights Reserv...
B57-014-222I822 EDAC-B57-014-222I822 Datasheet
522Kb / 1P
B57 Series D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
More results


Descripción similar - B57-014-222I822

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EDAC, All Rights Reserv...
B57-014-222I323 EDAC-B57-014-222I323 Datasheet
83Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-222I502 EDAC-B57-014-222I502 Datasheet
82Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-260I103 EDAC-B57-014-260I103 Datasheet
82Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-260I202 EDAC-B57-014-260I202 Datasheet
82Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-260I402 EDAC-B57-014-260I402 Datasheet
82Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-260I503 EDAC-B57-014-260I503 Datasheet
83Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-260I822 EDAC-B57-014-260I822 Datasheet
86Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-260IF02 EDAC-B57-014-260IF02 Datasheet
85Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-261I123 EDAC-B57-014-261I123 Datasheet
82Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
B57-014-261I403 EDAC-B57-014-261I403 Datasheet
82Kb / 1P
B57 Series,D-Sub Connectors | Parallel Port | Can be used with 0.062" (1.57mm), 0.093" (2.36mm) or0.125" (3.125mm) board thickness
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com