Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AOZ52371QI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ52371QI Datasheet PDF - Alpha & Omega Semiconductors
No. de pieza AOZ52371QI
Descarga  AOZ52371QI Descarga
Tamaño del archivo   447.14 Kbytes
Page   6 Pages
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Descripción Electrónicos High-Current, High-Performance Smart Power Stage

AOZ52371QI Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AOZ52371QI Datasheet PDF - Alpha & Omega Semiconductors

No. de pieza AOZ52371QI
Descarga  AOZ52371QI Click to download

Tamaño del archivo   447.14 Kbytes
Page   6 Pages
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Descripción Electrónicos High-Current, High-Performance Smart Power Stage

AOZ52371QI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ52371QI Detalles de producto

General Description
The AOZ52371QI is a general-purpose Smart Power Stage
(SPS) for computing notebook CPU power, consisting of two
asymmetrical MOSFETs and an integrated driver for high
current, high frequency, and DC-DC converter.
The AOZ52371QI provides an output current signal
(IMON). The IMON signal can be directly used to replace
inductor DCR sensing or resistor sensing in the multiphase
voltage regulator systems without the need for temperature
compensation.
The AOZ52371QI also includes an accurate module thermal
monitor (TMON). TMON is a voltage sourced PTAT signal
with a gain of 8 mV/°C.
The MOSFETs are individually optimized for operation in the
synchronous buck configuration. The high side MOSFET
is optimized to achieve low capacitance and gate charge
for fast switching with low duty cycle operation. The low
side MOSFET has ultra-low ON resistance to minimize
conduction loss. The standard 5 mm × 5 mm QFN package
is optimally designed to minimize parasitic inductance for
minimal EMI signature.

Features
• 4.5 V to 25 V power supply range
• 60 A continuous output current
- Up to 80 A for 10 ms on pulse
- Up to 120 A for 10 μs on pulse
• Optimized for switching frequency up to 1 MHz
• Integrated current monitor output signal
• Integrated temperature monitor output signal
• Fault Indicator
• VCC33 and PVCC5 Under-Voltage Lockout (UVLO)
• Zero Current Detect Function
• Over Temperature Protection
• Standard 5 mm x 5 mm QFN-30L package

Applications
• Notebook computer
• Graphic card
• Communications Infrastructure




Número de pieza similar - AOZ52371QI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AOZ5273QI AOSMD-AOZ5273QI Datasheet
1Mb / 6P
High-Current, High-Performance Smart Power Stage
Rev. 2.0 April 2021
AOZ5273QI-01 AOSMD-AOZ5273QI-01 Datasheet
1Mb / 6P
High-Current, High-Performance Smart Power Stage
Rev. 2.0 April 2021
More results


Descripción similar - AOZ52371QI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIC778A VISHAY-SIC778A Datasheet
719Kb / 13P
High Performance DrMOS ??Integrated Power Stage
21-May-12
logo
Texas Instruments
UCD74111 TI-UCD74111 Datasheet
843Kb / 22P
High-Current, Synchronous Buck Power Stage
UCD74120 TI-UCD74120 Datasheet
876Kb / 22P
High-Current, Synchronous Buck Power Stage
logo
Infineon Technologies A...
BTS555-E3146 INFINEON-BTS555-E3146 Datasheet
296Kb / 16P
Smart Highside High Current Power Switch
2010-June-01
logo
ON Semiconductor
FDMF8811 ONSEMI-FDMF8811 Datasheet
1Mb / 19P
High Performance 100V Bridge Power Stage Module
March 2017 - Rev. P0
FDMF2011 ONSEMI-FDMF2011 Datasheet
769Kb / 31P
High Performance 100V Smart Power Stage Module
September 2016 Rev.1.0
FDMF4061 ONSEMI-FDMF4061 Datasheet
1Mb / 32P
High Performance 60V Smart Power Stage Module
September 2016 Rev.1.0
logo
Vishay Siliconix
SIC778A VISHAY-SIC778A_V01 Datasheet
728Kb / 13P
High Performance DrMOS – Integrated Power Stage
21-May-12
logo
Alpha & Omega Semicondu...
AOZ5273QI AOSMD-AOZ5273QI Datasheet
1Mb / 6P
High-Current, High-Performance Smart Power Stage
Rev. 2.0 April 2021
AOZ5473QE AOSMD-AOZ5473QE Datasheet
1Mb / 17P
80A High-Performance Smart Power Stage (SPS)
Rev. 1.0 July 2020
More results




Acerca de Alpha & Omega Semiconductors


Alpha & Omega Semiconductores (AOS) es una compañía global de semiconductores que se especializa en el diseño y fabricación de circuitos integrados de gestión de energía (ICS).
La compañía fue fundada en 1995 y tiene su sede en San José, California.
AOS proporciona una amplia gama de soluciones de gestión de energía para aplicaciones en electrónica de consumo, informática, telecomunicaciones y sistemas industriales, entre otros.
La compañía es conocida por su tecnología de vanguardia y productos innovadores, y tiene una fuerte reputación en la industria de los semiconductores.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com