| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Transko Electronics, In... |
HC49S
|
157Kb / 1P |
STANDARD HC49/S THROUGH HOLE CRYSTAL (11.5 x 4.7 x 3.5mm)
REV.3 10-10-19 |
|
ECP
|
410Kb / 1P |
PECL OUTPUT THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
Rev. 2: Apr. 2015 |
|
EXO
|
424Kb / 1P |
ECL OUTPUT THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
Rev. 1: Jul. 2014 |
|
HC49U
|
131Kb / 1P |
STANDARD THROUGH HOLE CRYSTAL (11.5 x 4.7 x 13.5mm)
Rev.3: 10-10-19 |
|
SXI
|
170Kb / 1P |
STANDARD THROUGH HOLE OSCILLATOR (20.7 x 13.1 x 7.5mm)
Rev. 2: 01-30-19 |
|
SXO
|
179Kb / 1P |
STANDARD THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
Rev. 4: Sep. 2019 |
|
SXS
|
459Kb / 1P |
STANDARD THROUGH HOLE OSCILLATOR (20.7 x 13.1 x 7.5mm)
Ver. 1: Jan. 2015 |
|
TFI
|
440Kb / 2P |
TCXO/VCTCXO FULL SIZE HERMETIC SEALED (20.7 x 13.1 x 7.5mm)
Ver.1: Jan. 2015 |
|
TX-H
|
470Kb / 2P |
TCXO/VCTCXO FULL SIZE HERMETIC SEALED (20.7 x 13.1 x 7.5mm)
Rev. 1: Dec. 2014 |
|
VCXO-650
|
451Kb / 2P |
STANDARD THROUGH HOLE VCXO (20.7 x 13.1 x 7.5mm)
Rev. 1: Jul. 2014 |