Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC-HCT1G00-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC-HCT1G00-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
No. de pieza 74HC-HCT1G00-Q100
Descarga  74HC-HCT1G00-Q100 Descarga
Tamaño del archivo   205.7 Kbytes
Page   10 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos 2-input NAND gate

74HC-HCT1G00-Q100 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
74HC-HCT1G00-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

No. de pieza 74HC-HCT1G00-Q100
Descarga  74HC-HCT1G00-Q100 Click to download

Tamaño del archivo   205.7 Kbytes
Page   10 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos 2-input NAND gate

74HC-HCT1G00-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC-HCT1G00-Q100 Detalles de producto

1. General description
The 74HC1G00-Q100; 74HCT1G00-Q100 is a single 2-input NAND gate. Inputs include clamp
diodes. This enables the use of current limiting resistors to interface inputs to voltages in excess of
VCC.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100
(Grade 1) and is suitable for use in automotive applications.
2. Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• Input levels:
• For 74HC1G00-Q100: CMOS level
• For 74HCT1G00-Q100: TTL level
• Symmetrical output impedance
• High noise immunity
• Balanced propagation delays
• Latch-up performance exceeds 100 mA per JESD78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• MIL-STD-883, method 3015 exceeds 2000 V
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 Ω)




Número de pieza similar - 74HC-HCT1G00-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SYC Electronica
74HC-HCT10 SYC-74HC-HCT10 Datasheet
66Kb / 5P
Triple 3-input NAND gate
December 1990
74HC-HCT107 SYC-74HC-HCT107 Datasheet
98Kb / 7P
Dual JK flip-flop with reset; negative-edge trigger
74HC-HCT11 SYC-74HC-HCT11 Datasheet
352Kb / 15P
Triple 3-input AND gate
74HC-HCT123 SYC-74HC-HCT123 Datasheet
187Kb / 24P
Dual retriggerable monostable multivibrator with reset
July 2009
74HC-HCT132 SYC-74HC-HCT132 Datasheet
98Kb / 8P
Quad 2-input NAND Schmitt trigger
September 1993
More results


Descripción similar - 74HC-HCT1G00-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
2-INPUT NAND GATE
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
2 INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
2-input NAND Gate
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
2-input NAND Gate
logo
NXP Semiconductors
74AHC1G00 NXP-74AHC1G00 Datasheet
77Kb / 11P
2-input NAND gate
Rev. 06-30 May 2007
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
2-INPUT NAND GATE
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
2-input NAND gate
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com