Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS-065-011-2-L Datasheet (PDF) - GaN Systems Inc.

GS-065-011-2-L Datasheet PDF - GaN Systems Inc.
No. de pieza GS-065-011-2-L
Descarga  GS-065-011-2-L Descarga
Tamaño del archivo   1036.8 Kbytes
Page   16 Pages
Fabricante Electrónico  GAN [GaN Systems Inc.]
Página de inicio  https://gansystems.com/
Logo GAN - GaN Systems Inc.
Descripción Electrónicos 650 V E-mode GaN transistor

GS-065-011-2-L Datasheet (PDF)

Go To PDF Page Descarga Datasheet
GS-065-011-2-L Datasheet PDF - GaN Systems Inc.

No. de pieza GS-065-011-2-L
Descarga  GS-065-011-2-L Click to download

Tamaño del archivo   1036.8 Kbytes
Page   16 Pages
Fabricante Electrónico  GAN [GaN Systems Inc.]
Página de inicio  https://gansystems.com/
Logo GAN - GaN Systems Inc.
Descripción Electrónicos 650 V E-mode GaN transistor

GS-065-011-2-L Datasheet (HTML) - GaN Systems Inc.


GS-065-011-2-L Detalles de producto

Features
• 650 V enhancement mode power transistor
• 850 V transient drain-to-source voltage
• Bottom-cooled 8x8 mm PDFN package
• RDS(on) = 150 mΩ
• IDS,max = 11 A / IDSmax,Pulse = 19A
• Ultra-low FOM
• Simple gate drive requirements (0 V to 6 V)
• Transient tolerant gate drive (-20 V / +10 V)
• High switching frequency (> 1 MHz)
• Fast and controllable fall and rise times
• Reverse conduction capability
• Zero reverse recovery loss
• Source Sense (SS) pin for optimized gate drive
• RoHS 3 (6+4) compliant

Applications
• Consumer and Industrial Power Supplies
• Power Adapters
• LED Lighting Drivers
• Fast Battery Charging
• Power Factor Correction
• Appliance and Industrial Motor Drives
• Wireless Power Transfer

Description
The GS-065-011-2-L is an enhancement mode GaN-on-Silicon power transistor. The properties of GaN allow for high current, high voltage breakdown and high switching frequency. GaN Systems innovates with industry leading advancements such as patented Island Technology® cell layout which realizes high-current die and high yield.
The GS-065-011-2-L is a bottom-side cooled transistor that offers very low junction-to-case thermal resistance for demanding high power applications. These features combine to provide very high efficiency power switching.




Número de pieza similar - GS-065-011-2-L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GaN Systems Inc.
GS-065-011-1-L GAN-GS-065-011-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220708
GS-065-011-6-LR GAN-GS-065-011-6-LR Datasheet
865Kb / 17P
700 V E-mode GaN transistor Datasheet
Rev 240328
GS-065-011-6-LR-MR GAN-GS-065-011-6-LR-MR Datasheet
865Kb / 17P
700 V E-mode GaN transistor Datasheet
Rev 240328
GS-065-011-6-LR-TR GAN-GS-065-011-6-LR-TR Datasheet
865Kb / 17P
700 V E-mode GaN transistor Datasheet
Rev 240328
More results


Descripción similar - GS-065-011-2-L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GaN Systems Inc.
GS-065-004-1-L GAN-GS-065-004-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-008-1-L GAN-GS-065-008-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-011-1-L GAN-GS-065-011-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220708
GS-065-018-2-L GAN-GS-065-018-2-L Datasheet
906Kb / 16P
650 V E-mode GaN transistor
Rev 220921
GS-065-030-2-L GAN-GS-065-030-2-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-060-5-B-A GAN-GS-065-060-5-B-A Datasheet
1Mb / 16P
Automotive 650 V GaN E-mode transistor
Rev 211025
GS-065-060-5-T-A GAN-GS-065-060-5-T-A Datasheet
1Mb / 17P
Automotive 650 V GaN E-mode transistor
Rev 220127
GS66506T GAN-GS66506T Datasheet
1,012Kb / 15P
Top-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66508T GAN-GS66508T Datasheet
1Mb / 17P
Top-side cooled 650 V E-mode GaN transistor
Rev 200402
GS66516T GAN-GS66516T Datasheet
1Mb / 17P
Top-side cooled 650 V E-mode GaN transistor
Rev 210727
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com