Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA06-600CW Datasheet (PDF) - HAOPIN MICROELECTRONICS CO.,LTD

BTA06-600CW Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD
No. de pieza BTA06-600CW
Descarga  BTA06-600CW Descarga
Tamaño del archivo   423.63 Kbytes
Page   5 Pages
Fabricante Electrónico  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Página de inicio  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Descripción Electrónicos Blocking voltage to 600 V

BTA06-600CW Datasheet (PDF)

Go To PDF Page Descarga Datasheet
BTA06-600CW Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD

No. de pieza BTA06-600CW
Descarga  BTA06-600CW Click to download

Tamaño del archivo   423.63 Kbytes
Page   5 Pages
Fabricante Electrónico  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Página de inicio  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Descripción Electrónicos Blocking voltage to 600 V

BTA06-600CW Datasheet (HTML) - HAOPIN MICROELECTRONICS CO.,LTD


BTA06-600CW Detalles de producto

Description
Passivated high commutation triacs in a plastic envelope intended for use in circuits where
high static and dynamic dV/dt and high dI/dt can occur. These devices will commutate the
full rated ms current at the maximum rated junction temperature without the aid of a snubber.

Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching

Features
Blocking voltage to 600 V
On-state RMS current to 6 A




Número de pieza similar - BTA06-600CW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BTA06-600CW STMICROELECTRONICS-BTA06-600CW Datasheet
65Kb / 6P
SNUBBERLESS?? LOGIC LEVEL & STANDARD
Apr-2002
logo
Shenzhen Luguang Electr...
BTA06-600CW LUGUANG-BTA06-600CW Datasheet
1Mb / 6P
6A Ⅲ &Ⅳ QUADRANTS SERIES TRIACS
Revision:20201216-P1
logo
STMicroelectronics
BTA06-600CWRG STMICROELECTRONICS-BTA06-600CWRG Datasheet
65Kb / 6P
SNUBBERLESS?? LOGIC LEVEL & STANDARD
Apr-2002
BTA06-600CWRG STMICROELECTRONICS-BTA06-600CWRG Datasheet
76Kb / 7P
6A TRIACS
13-Feb-2006
More results


Descripción similar - BTA06-600CW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HAOPIN MICROELECTRONICS...
BT136S-600D HAOPIN-BT136S-600D Datasheet
299Kb / 5P
Blocking voltage to 600 V
BT137S-600E HAOPIN-BT137S-600E Datasheet
524Kb / 5P
Blocking voltage to 600 V
BTA10-600C HAOPIN-BTA10-600C Datasheet
377Kb / 5P
Blocking voltage to 600 V
BTB12-600B HAOPIN-BTB12-600B Datasheet
446Kb / 5P
Blocking voltage to 600 V
MAC4DHM HAOPIN-MAC4DHM Datasheet
382Kb / 5P
Blocking voltage to 600 V
BTA08-600TW HAOPIN-BTA08-600TW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BTB06-600BW HAOPIN-BTB06-600BW Datasheet
423Kb / 5P
Blocking voltage to 600 V
T810-600B HAOPIN-T810-600B Datasheet
364Kb / 5P
Blocking voltage to 600 V
S6012R HAOPIN-S6012R Datasheet
307Kb / 5P
Blocking voltage to 600 V
BT169 HAOPIN-BT169 Datasheet
211Kb / 4P
Blocking voltage to 600 V
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com