Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

C44UUGT6240T81K Datasheet (PDF) - Kemet Corporation

C44UUGT6240T81K Datasheet PDF - Kemet Corporation
No. de pieza C44UUGT6240T81K
Descarga  C44UUGT6240T81K Descarga
Tamaño del archivo   280.75 Kbytes
Page   10 Pages
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation
Descripción Electrónicos Aluminum DC-Link Power Can Film Capacitors C44U-T, 9001,800 VDC, Long Lifetime, High Temperature and THB

C44UUGT6240T81K Datasheet (PDF)

Go To PDF Page Descarga Datasheet
C44UUGT6240T81K Datasheet PDF - Kemet Corporation

No. de pieza C44UUGT6240T81K
Descarga  C44UUGT6240T81K Click to download

Tamaño del archivo   280.75 Kbytes
Page   10 Pages
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation
Descripción Electrónicos Aluminum DC-Link Power Can Film Capacitors C44U-T, 9001,800 VDC, Long Lifetime, High Temperature and THB

C44UUGT6240T81K Datasheet (HTML) - Kemet Corporation


C44UUGT6240T81K Detalles de producto

Benefits
• Long lifetime up to 300 000h
• High temperature up to 90C Hot Spot
• Harsh-environmental conditions - 85/85 Vr 1000h
• Good self-healing properties
• Low power losses
• High ripple current withstanding
• High capacitance density




Número de pieza similar - C44UUGT6240T81K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
C44UUGT6200M82K KEMET-C44UUGT6200M82K Datasheet
66Kb / 1P
C44U_M, Film, Metallized Polypropylene, DC Link, 200 uF, 10%, 1300 VDC
C44UUGT6220M83K KEMET-C44UUGT6220M83K Datasheet
66Kb / 1P
C44U_M, Film, Metallized Polypropylene, DC Link, 220 uF, 10%, 1300 VDC
C44UUGT6250M84K KEMET-C44UUGT6250M84K Datasheet
66Kb / 1P
C44U_M, Film, Metallized Polypropylene, DC Link, 250 uF, 10%, 1300 VDC
C44UUGT6270M85K KEMET-C44UUGT6270M85K Datasheet
66Kb / 1P
C44U_M, Film, Metallized Polypropylene, DC Link, 270 uF, 10%, 1300 VDC
More results


Descripción similar - C44UUGT6240T81K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
C44UOGT6100A8TK KEMET-C44UOGT6100A8TK_17 Datasheet
113Kb / 1P
Film, Metallized Polypropylene, DC Link, C44U, 100 uF, 10%, 900 V
C44UOGT6150A8TK KEMET-C44UOGT6150A8TK_17 Datasheet
113Kb / 1P
Film, Metallized Polypropylene, DC Link, C44U, 150 uF, 10%, 900 V
C44UQGT6500F8SK KEMET-C44UQGT6500F8SK_17 Datasheet
388Kb / 9P
C44U Series, 600 - 1,300 VDC, for DC Link
C44UOGT6350A8SK KEMET-C44UOGT6350A8SK_17 Datasheet
113Kb / 1P
Film, Metallized Polypropylene, DC Link, C44U, 350 uF, 10%, 900 V
C44UOGT6450M82K KEMET-C44UOGT6450M82K Datasheet
66Kb / 1P
C44U_M, Film, Metallized Polypropylene, DC Link, 450 uF, 10%, 900 VDC
C44UOGT7110M52K KEMET-C44UOGT7110M52K Datasheet
71Kb / 1P
C44U_M, Film, Metallized Polypropylene, DC Link, 1100 uF, 10%, 900 VDC
C44UHGT6900M83K KEMET-C44UHGT6900M83K Datasheet
67Kb / 1P
C44U_M, Film, Metallized Polypropylene, DC Link, 900 uF, 10%, 600 VDC
C44UOGT6900M51K KEMET-C44UOGT6900M51K Datasheet
71Kb / 1P
C44U_M, Film, Metallized Polypropylene, DC Link, 900 uF, 10%, 900 VDC
C44UOGT7120M87K KEMET-C44UOGT7120M87K Datasheet
66Kb / 1P
C44U_M, Film, Metallized Polypropylene, DC Link, 1200 uF, 10%, 900 VDC
C44UOGT7180M53K KEMET-C44UOGT7180M53K Datasheet
72Kb / 1P
C44U_M, Film, Metallized Polypropylene, DC Link, 1800 uF, 10%, 900 VDC
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com