Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD-1500-LV Datasheet (PDF) - COTEK ELECTRONIC IND. CO., LTD

AD-1500-LV Datasheet PDF - COTEK ELECTRONIC IND. CO., LTD
No. de pieza AD-1500-LV
Descarga  AD-1500-LV Descarga
Tamaño del archivo   1192.25 Kbytes
Page   6 Pages
Fabricante Electrónico  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Página de inicio  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD
Descripción Electrónicos 1500W Programmable Digital Power Supply

AD-1500-LV Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AD-1500-LV Datasheet PDF - COTEK ELECTRONIC IND. CO., LTD

No. de pieza AD-1500-LV
Descarga  AD-1500-LV Click to download

Tamaño del archivo   1192.25 Kbytes
Page   6 Pages
Fabricante Electrónico  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Página de inicio  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD
Descripción Electrónicos 1500W Programmable Digital Power Supply

AD-1500-LV Datasheet (HTML) - COTEK ELECTRONIC IND. CO., LTD


AD-1500-LV Detalles de producto

Features:
Universal AC input/Full range (90~264Vac)
Programmable output voltage and current force
Current sharing at parallel operation (Coming Soon!)
Constant current limit
AUX POWER :+5.0V/1.0A auxiliary
Built-in OR'ing FETs
Support Parallel operation via CANBUS (Coming Soon!)
Built-in isolation circuit (A23, A24 Version)
Programmable output voltage & current 0~105%
Power OK signal (built-in isolation circuit)




Número de pieza similar - AD-1500-LV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Astrodyne Corporation
AD-155 ASTRODYNE-AD-155 Datasheet
929Kb / 4P
155W Single Output with Battery Charger (USP Function)
logo
Mean Well Enterprises C...
AD-155 MEANWELL-AD-155 Datasheet
429Kb / 2P
155W Single Output with Battery Charger(UPS Function)
AD-155 MEANWELL-AD-155 Datasheet
357Kb / 2P
155W SINGLE OUTPUT WITH BATTERY CHARGER(UPS FUNCTION)
logo
List of Unclassifed Man...
AD-155A ETC-AD-155A Datasheet
77Kb / 2P
SWITCHING POWER SUPPLY
logo
Astrodyne Corporation
AD-155A ASTRODYNE-AD-155A Datasheet
929Kb / 4P
155W Single Output with Battery Charger (USP Function)
More results


Descripción similar - AD-1500-LV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Astrodyne Corporation
RSP-1500 ASTRODYNE-RSP-1500 Datasheet
366Kb / 4P
1500W Single Output Power Supply
logo
RSG Electronic Componen...
RSP-1500 RSG-RSP-1500 Datasheet
168Kb / 4P
1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-1500 MEANWELL-SE-1500_09 Datasheet
305Kb / 3P
1500W Single Output Power Supply
SPV-1500 MEANWELL-SPV-1500_10 Datasheet
325Kb / 4P
1500W Single Output Power Supply
SPV-1500 MEANWELL-SPV-1500_11 Datasheet
334Kb / 4P
1500W Single Output Power Supply
SE-1500 MEANWELL-SE-1500_11 Datasheet
305Kb / 3P
1500W Single Output Power Supply
RSP-1500_1112 MEANWELL-RSP-1500_1112 Datasheet
310Kb / 4P
1500W Single Output Power Supply
logo
Astrodyne Corporation
RSP1500 ASTRODYNE-RSP1500 Datasheet
304Kb / 5P
1500W Single Output Power Supply
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
1500W SINGLE OUTPUT POWER SUPPLY
logo
Inventronics Inc.
SSM-1K5SXXXMX INVENTRONICS-SSM-1K5SXXXMX Datasheet
2Mb / 19P
1500W Programmable Driver with INV Digital Dimming
Rev.A
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com