Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PHPT61006PY Datasheet (PDF) - Nexperia B.V. All rights reserved

PHPT61006PY Datasheet PDF - Nexperia B.V. All rights reserved
No. de pieza PHPT61006PY
Descarga  PHPT61006PY Descarga
Tamaño del archivo   717.88 Kbytes
Page   16 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos 100 V, 6 A PNP high power bipolar transistor

PHPT61006PY Datasheet (PDF)

Go To PDF Page Descarga Datasheet
PHPT61006PY Datasheet PDF - Nexperia B.V. All rights reserved

No. de pieza PHPT61006PY
Descarga  PHPT61006PY Click to download

Tamaño del archivo   717.88 Kbytes
Page   16 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos 100 V, 6 A PNP high power bipolar transistor

PHPT61006PY Datasheet (HTML) - Nexperia B.V. All rights reserved


PHPT61006PY Detalles de producto

1. General description
PNP high power bipolar transistor in a SOT669 (LFPAK56) Surface-Mounted
Device (SMD) power plastic package.
NPN complement: PHPT61006NY
2. Features and benefits
• High thermal power dissipation capability
• High temperature applications up to 175 °C
• Reduced Printed Circuit Board (PCB) requirements comparing to transistors in DPAK
• High energy efficiency due to less heat generation
• AEC-Q101 qualified.
3. Applications
• Power management
• Load switch
• Linear mode voltage regulator
• Backlighting applications
• Motor drive
• Relay replacement




Número de pieza similar - PHPT61006PY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PHPT61006PY NXP-PHPT61006PY Datasheet
237Kb / 16P
100 V, 6 A PNP high power bipolar transistor
21 January 2015
logo
Nexperia B.V. All right...
PHPT61006PY-Q NEXPERIA-PHPT61006PY-Q Datasheet
279Kb / 14P
100 V, 6 A PNP high power bipolar transistor
24 October 2024
More results


Descripción similar - PHPT61006PY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PHPT60606PY NXP-PHPT60606PY Datasheet
239Kb / 15P
60 V, 6 A PNP high power bipolar transistor
9 December 2014
PHPT61006PY NXP-PHPT61006PY Datasheet
237Kb / 16P
100 V, 6 A PNP high power bipolar transistor
21 January 2015
PHPT61010PY NXP-PHPT61010PY Datasheet
239Kb / 16P
100 V, 10 A PNP high power bipolar transistor
20 March 2015
logo
Nexperia B.V. All right...
PHPT61002PYCLH NEXPERIA-PHPT61002PYCLH Datasheet
261Kb / 15P
100 V, 2 A PNP high power bipolar transistor
PHPT61002PYC NEXPERIA-PHPT61002PYC Datasheet
718Kb / 15P
100 V, 2 A PNP high power bipolar transistor
PHPT60406PY NEXPERIA-PHPT60406PY Datasheet
719Kb / 15P
40 V, 6 A PNP high power bipolar transistor
MJD42C NEXPERIA-MJD42C Datasheet
230Kb / 11P
100 V, 6 A PNP high power bipolar transistor
10 May 2021
MJD42C-Q NEXPERIA-MJD42C-Q Datasheet
223Kb / 10P
100 V, 6 A PNP high power bipolar transistor
8 June 2021
PHPT60606PY NEXPERIA-PHPT60606PY Datasheet
718Kb / 15P
60 V, 6 A PNP high power bipolar transistor
9 December 2014
PHPT61010PY NEXPERIA-PHPT61010PY Datasheet
719Kb / 16P
100 V, 10 A PNP high power bipolar transistor
20 March 2015
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com