Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VBA1310S Datasheet (PDF) - VBsemi Electronics Co.,Ltd

VBA1310S Datasheet PDF - VBsemi Electronics Co.,Ltd
No. de pieza VBA1310S_V01
Descarga  VBA1310S Descarga
Tamaño del archivo   636.0 Kbytes
Page   7 Pages
Fabricante Electrónico  VBSEMI [VBsemi Electronics Co.,Ltd]
Página de inicio  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Descripción Electrónicos N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

VBA1310S Datasheet (PDF)

Go To PDF Page Descarga Datasheet
VBA1310S Datasheet PDF - VBsemi Electronics Co.,Ltd

No. de pieza VBA1310S_V01
Descarga  VBA1310S Click to download

Tamaño del archivo   636.0 Kbytes
Page   7 Pages
Fabricante Electrónico  VBSEMI [VBsemi Electronics Co.,Ltd]
Página de inicio  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Descripción Electrónicos N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

VBA1310S Datasheet (HTML) - VBsemi Electronics Co.,Ltd


VBA1310S Detalles de producto

General Description
The VBA1310S uses advanced trench technology to
provide excellent RDS(ON), shoot-through immunity and
body diode characteristics. This device is suitable for
use as a synchronous switch in PWM applications.
The co-packaged Schottky Diode boosts efficiency
further.

Features
VDS (V) = 30V
ID = 12 A (VGS = 10V)
RDS(ON) < 11.5mΩ (VGS = 10V)
RDS(ON) < 13mΩ (VGS = 4.5V)
SCHOTTKY
VDS (V) = 30V, IF = 3A, VF<0.5V@1A




Número de pieza similar - VBA1310S_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
VBA1310S VBSEMI-VBA1310S Datasheet
686Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results


Descripción similar - VBA1310S_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AO6700 AOSMD-AO6700 Datasheet
112Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6702 AOSMD-AO6702 Datasheet
119Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6704 AOSMD-AO6704 Datasheet
170Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4700 AOSMD-AO4700 Datasheet
166Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4704 AOSMD-AO4704 Datasheet
160Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO3700 AOSMD-AO3700 Datasheet
125Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
VBsemi Electronics Co.,...
VBA1310S VBSEMI-VBA1310S Datasheet
686Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
VB3222A VBSEMI-VB3222A Datasheet
567Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com