Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DP50IP-B Datasheet (PDF) - Danisense A/S

DP50IP-B Datasheet PDF - Danisense A/S
No. de pieza DP50IP-B
Descarga  DP50IP-B Descarga
Tamaño del archivo   467.69 Kbytes
Page   5 Pages
Fabricante Electrónico  DANISENSE [Danisense A/S]
Página de inicio  https://danisense.com/
Logo DANISENSE - Danisense A/S
Descripción Electrónicos Ultra-stable, high precision (ppm class) fluxgate technology DP Series current transducer for isolated DC and AC current measurement on PCB up to 72A

DP50IP-B Datasheet (PDF)

Go To PDF Page Descarga Datasheet
DP50IP-B Datasheet PDF - Danisense A/S

No. de pieza DP50IP-B
Descarga  DP50IP-B Click to download

Tamaño del archivo   467.69 Kbytes
Page   5 Pages
Fabricante Electrónico  DANISENSE [Danisense A/S]
Página de inicio  https://danisense.com/
Logo DANISENSE - Danisense A/S
Descripción Electrónicos Ultra-stable, high precision (ppm class) fluxgate technology DP Series current transducer for isolated DC and AC current measurement on PCB up to 72A

DP50IP-B Datasheet (HTML) - Danisense A/S


DP50IP-B Detalles de producto

Features
Linearity error maximum 10 ppm
Measurement resistor up to 100Ω at full scale
Fluxgate, closed loop compensated technology with
fixed excitation frequency and second harmonic
zero flux detection for best in class accuracy
and stability
PCB mount
Height 32mm - Suitable for 1U power supplies
Programmable for 12.5A, 25A, or 50A via PCB layout
250g weight and compact size - ideal for PCBmounted
applications with space constraints
Applications:
MPS for particles accelerators
Stable power supplies
Precision drives
Batteries testing and evaluation systems
Power measurement and power analysis




Número de pieza similar - DP50IP-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
DP500 AUK-DP500 Datasheet
51Kb / 3P
PNP Silicon Transistor (Extremely low collector-to-emitter saturation voltage)
logo
KODENSHI_AUK CORP.
DP500 KODENSHI-DP500 Datasheet
59Kb / 3P
Suitable for low voltage large current drivers
logo
3M Electronics
DP5001 3M-DP5001 Datasheet
144Kb / 7P
3M??Scotch-Weld??Polyurethane Sealant DP5001, BLACK
logo
MTU Onsite Energy Corpo...
DP500D6S MTU-DP500D6S Datasheet
348Kb / 4P
DIESEL GENERATOR SET
logo
AUK corp
DP500F AUK-DP500F Datasheet
47Kb / 3P
PNP Silicon Transistor (Extremely low collector-to-emitter saturation voltage)
More results


Descripción similar - DP50IP-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Danisense A/S
DL2000ID DANISENSE-DL2000ID Datasheet
973Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-11-24
DM1200ID-CD3000 DANISENSE-DM1200ID-CD3000 Datasheet
477Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1500A
2022-11-29
DQ500ID DANISENSE-DQ500ID Datasheet
520Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 800A
2022-11-29
DQ600ID DANISENSE-DQ600ID Datasheet
481Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1000A
2022-11-29
DR5000IM DANISENSE-DR5000IM Datasheet
889Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 8000A
2022-11-24
DR5000UX-10V_5000A DANISENSE-DR5000UX-10V_5000A Datasheet
939Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 5500A
2022-11-24
DS200ID DANISENSE-DS200ID Datasheet
462Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 370A
2022-11-24
DS200UB-10V DANISENSE-DS200UB-10V Datasheet
560Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 220A
2022-11-24
DS300ID DANISENSE-DS300ID Datasheet
467Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 500A
2022-11-24
DS600UB-10V DANISENSE-DS600UB-10V Datasheet
558Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 660A
2022-11-24
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com