Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D87C52-33 Datasheet (PDF) - Intel Corporation

D87C52-33 Datasheet PDF - Intel Corporation
No. de pieza D87C52-33
Descarga  D87C52-33 Descarga
Tamaño del archivo   312.63 Kbytes
Page   23 Pages
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation
Descripción Electrónicos CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

D87C52-33 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
D87C52-33 Datasheet PDF - Intel Corporation

No. de pieza D87C52-33
Descarga  D87C52-33 Click to download

Tamaño del archivo   312.63 Kbytes
Page   23 Pages
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation
Descripción Electrónicos CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

D87C52-33 Datasheet (HTML) - Intel Corporation


D87C52-33 Detalles de producto

The Intel 8XC52/8XC54/8XC58 is a single-chip control-oriented microcontroller which is fabricated on Intel’s reliable CHMOS III-E technology. Being a member of the MCS 51 family of controllers, the 8XC52/8XC54/ 8XC58 uses the same powerful instruction set, has the same architecture, and is pin-for-pin compatible with the existing MCS 51 family of products. The 8XC52/8XC54/8XC58 is an enhanced version of the 87C51/80C51BH/80C31BH. The added features make it an even more powerful microcontroller for applica tions that require clock output, and up/down counting capabilities such as motor control. It also has a more versatile serial channel that facilitates multi-processor communications.
Throughout this document 8XC5X will refer to the 8XC52, 80C32, 8XC54 and 8XC58 unless information applies to a specific device.

■ High Performance CHMOS EPROM/ROM/CPU
■ 12/24/33 MHz Operations
■ Three 16-Bit Timer/Counters
■ Programmable Clock Out
■ Up/Down Timer/Counter
■ Three Level Program Lock System
■ 8K/16K/32K On-Chip Program Memory
■ 256 Bytes of On-Chip Data RAM
■ Improved Quick Pulse Programming Algorithm
■ Boolean Processor
■ 32 Programmable I/O Lines
■ 6 Interrupt Sources
■ Programmable Serial Channel with:
   — Framing Error Detection
   — Automatic Address Recognition
■ TTL and CMOS Compatible Logic Levels
■ 64K External Program Memory Space
■ 64K External Data Memory Space
■ MCSÉ 51 Microcontroller Compatible Instruction Set
■ Power Saving Idle and Power Down Modes
■ ONCE (On-Circuit Emulation) Mode
■ Four-Level Interrupt Priority
■ Extended Temperature Range Except
   for 33 MHz Offering (-40°C to +85°C)




Número de pieza similar - D87C52-33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
D87C51 INTEL-D87C51 Datasheet
284Kb / 21P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Rochester Electronics
D87C51FA ROCHESTER-D87C51FA Datasheet
599Kb / 1P
POWERFUL MICROCONTROLLER from the MCS 51 controller family 44 pin LDCC
D87C51FA1 ROCHESTER-D87C51FA1 Datasheet
599Kb / 1P
POWERFUL MICROCONTROLLER from the MCS 51 controller family 44 pin LDCC
More results


Descripción similar - D87C52-33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51 INTEL-87C51 Datasheet
284Kb / 21P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results




Acerca de Intel Corporation


Intel Corporation es una empresa estadounidense de Corporación Multinacional y Tecnología con sede en Santa Clara, California.
Es uno de los fabricantes de chips de semiconductores más grandes y de mayor valor del mundo, basado en los ingresos.
Intel es mejor conocido por su desarrollo de microprocesadores, las unidades de procesamiento centrales (CPU) de las computadoras.
Fundada en 1968, Intel ha sido líder en la industria de hardware informático durante más de cinco décadas.
Además de los microprocesadores, la compañía ofrece una amplia gama de productos y tecnologías, incluidos centros de datos y equipos de red, unidades de estado sólido, dispositivos de Internet de las cosas (IoT) y más.
Intel también es un jugador líder en el desarrollo de redes 5G y vehículos autónomos.
Con un enfoque en la innovación y el liderazgo de tecnología, Intel continúa desempeñando un papel importante en la configuración del futuro de la informática y la tecnología.
La compañía invierte mucho en investigación y desarrollo y ha recibido más de 17,000 patentes por sus innovaciones.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com