Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

84320-01 Datasheet (PDF) - Renesas Technology Corp

84320-01 Datasheet PDF - Renesas Technology Corp
No. de pieza 84320-01
Descarga  84320-01 Descarga
Tamaño del archivo   566.59 Kbytes
Page   23 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos 780MHZ, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer

84320-01 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
84320-01 Datasheet PDF - Renesas Technology Corp

No. de pieza 84320-01
Descarga  84320-01 Click to download

Tamaño del archivo   566.59 Kbytes
Page   23 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos 780MHZ, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer

84320-01 Datasheet (HTML) - Renesas Technology Corp


84320-01 Detalles de producto

FEATURES
• Dual differential 3.3V LVPECL outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL TEST_CLK
• Output frequency range: 77.5MHz to 780MHz
• Crystal input frequency range: 14MHz to 40MHz
• VCO range: 620MHz to 780MHz
• Parallel or serial interface for programming counter
and output dividers
• Duty cycle: 49% - 51% (N > 1)
• RMS period jitter: 2ps (typical)
• RMS phase jitter at 155.52MHz, using a 38.88MHz crystal
(12kHz to 20MHz): 2.5ps (typical)
Offset Noise Power
100Hz ..................-90.5 dBc/Hz
1kHz ................-114.2 dBc/Hz
10kHz ................-123.6 dBc/Hz
100kHz ................-128.1 dBc/Hz
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Available in RoHS (6) package
• For functional replacement part use 8T49N242




Número de pieza similar - 84320-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
843201-375 IDT-843201-375 Datasheet
267Kb / 19P
FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
logo
Renesas Technology Corp
843201-375 RENESAS-843201-375 Datasheet
470Kb / 20P
FemtoClock® Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
8/21/15
logo
Integrated Device Techn...
843201AG-375LF IDT-843201AG-375LF Datasheet
267Kb / 19P
FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
843201AG-375LFT IDT-843201AG-375LFT Datasheet
267Kb / 19P
FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
logo
Renesas Technology Corp
843202I RENESAS-843202I Datasheet
448Kb / 17P
FemtoClock® 680MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
5/26/16
More results


Descripción similar - 84320-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Circuit Syst...
ICS84320-01 ICST-ICS84320-01 Datasheet
230Kb / 17P
780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A AUGUST 24, 2004
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 22, 2004
ICS8432-51 ICST-ICS8432-51 Datasheet
160Kb / 17P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. C APRIL 8, 2005
ICS8432-51K ICST-ICS8432-51K Datasheet
227Kb / 16P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MARCH 22, 2004
ICS8432I-51 ICST-ICS8432I-51 Datasheet
150Kb / 16P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MAY 28, 2003
ICS84320-01K ICST-ICS84320-01K Datasheet
378Kb / 16P
780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 6, 2004
logo
Pericom Semiconductor C...
PI6C484321 PERICOM-PI6C484321 Datasheet
507Kb / 9P
260MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
logo
Integrated Device Techn...
ICS84320-01 IDT-ICS84320-01 Datasheet
1Mb / 21P
780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84320I-01 RENESAS-84320I-01 Datasheet
509Kb / 21P
780MHz, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
DECEMBER 17, 2014
8432I-51 RENESAS-8432I-51 Datasheet
539Kb / 22P
700MHz, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
2019
More results




Acerca de Renesas Technology Corp


Renesas Technology Corp es una compañía de semiconductores japoneses que proporciona una amplia gama de microcontroladores, sistemas a chips y dispositivos analógicos y de energía para diversas aplicaciones en los mercados automotrices, industriales y de consumo.
La compañía se formó en 2010 a través de la fusión de NEC Electronics Corporation y Renesas Technology Corporation.
Renesas es uno de los mayores proveedores de microcontroladores del mundo y es conocido por su experiencia en el desarrollo de tecnologías avanzadas en áreas como Internet de las cosas (IoT), inteligencia artificial (IA) y electrónica automotriz.
La compañía tiene operaciones en más de 20 países y sus productos se utilizan en una amplia gama de aplicaciones.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com