Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7M9514 Datasheet (PDF) - Renesas Technology Corp

7M9514 Datasheet PDF - Renesas Technology Corp
No. de pieza 7M9514
Descarga  7M9514 Descarga
Tamaño del archivo   203.71 Kbytes
Page   8 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos IDT79RV4640/IDT79RC64V474 PCI MEZZANINE CARD

7M9514 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
7M9514 Datasheet PDF - Renesas Technology Corp

No. de pieza 7M9514
Descarga  7M9514 Click to download

Tamaño del archivo   203.71 Kbytes
Page   8 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos IDT79RV4640/IDT79RC64V474 PCI MEZZANINE CARD

7M9514 Datasheet (HTML) - Renesas Technology Corp


7M9514 Detalles de producto

FEATURES:
• PCI Mezzanine Card (PMC) (IEEE 1386) form factor
• 7M9510 High performance IDT79RV4640 MIPS Processor
– 100Mhz, 150Mhz, 180Mhz, 200MHz CPU speeds supported
– 50MHz maximum CPU bus frequency
– 33MHz maximum PCI bus frequency
• 7M9514 High performance IDT79RC64V474 MIPS Processor
– 180Mhz, 200Mhz, 250Mhz CPU speeds supported
– 50MHz maximum CPU bus frequency
– 33MHz maximum PCI bus frequency
• DRAM
– 72-position SIMM slot
– 4MB to 128MB of DRAM supported
– 32-bit width
• Flash
– 2MB of on board Flash memory
– 32-bit width
• EPROM
– up to 512KB
– 8-bit width
– 32 Pin PLCC socket
• Two serial interface ports (16550A compatible)
• Uses Galileo GT-64011 PCI System controller
– DMA
– four independent channels
– chaining via linked lists of records
– byte alignment on source and destination
– transfers through a 32 byte internal FIFO
which moves data between PCI, memory and devices
– PCI
– host to PCI bridge
– PCI to main memory bridge
– fully compatible to PCI rev 2.1
– high performance PCI interfaces via 96 bytes of posted write
and read prefetch buffers
• Other Features
– Manual Cold Reset (Pushbutton and two pin header)
– hardware based masking of interrupts
– Configurable Timer Interrupt Generator
– 32 Bits of user defined I/O mapped through system FPGA
– VxWorks Board Support Package available from IDT

DESCRIPTION:
The IDT7M9510/7M9514 is a Single Board Computer utilizing IDT's
79RV4640/79RC64V474 MIPS processor. This CPU Mezzanine Card is
designed for use in applications where low profile, parallel board to board
mounting is required. The 7M9510/7M9514 consists of an IDT79RV4640 /
IDT79RC64V474 processor based subsystem that can either form the core
CPU function for an embedded application, or can be an optional add-in
accelerator to a PCI based system through a PCI v2.1 compatible, PMC
Standard (IEEE P1386.1) connector.
The card conforms, in length and width to the standard single size PMC form
factor as specified in IEEE P1386.1, and it contains all the features required of
a typical CPU subsystem for embedded processor applications. Some of these
features include: DRAM, Flash, serial ports and full PCI interrupt support




Número de pieza similar - 7M9514

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
7M9747 ATMEL-7M9747 Datasheet
93Kb / 11P
125째C DYNAMIC OPERATING LIFE TEST
More results


Descripción similar - 7M9514

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
IDT7M9510 IDT-IDT7M9510 Datasheet
62Kb / 7P
IDT79RV4640/IDT79RC64V474 PCI MEZZANINE CARD
logo
Hirose Electric
09HSI-S042-R0-CHT HIROSE-09HSI-S042-R0-CHT Datasheet
2Mb / 71P
IT3 Mezzanine Connector (17mm)
logo
MolexKits
76650-0172 MOLEXKITS-76650-0172 Datasheet
38Kb / 2P
Mezzanine PCB Connectors
logo
National Instruments Co...
778040-01 NI-778040-01 Datasheet
560Kb / 3P
GPIB Interface for PCI Mezzanine Bus
PMC-GPIB NI-PMC-GPIB Datasheet
609Kb / 3P
GPIB Interface for PCI Mezzanine Bus
logo
Broadcom Corporation.
BCM957454M4540C BOARDCOM-BCM957454M4540C Datasheet
837Kb / 21P
Single-Port 1/10/25/40/50/100 Gb/s Ethernet PCI Express Gen3 x16 OCP Mezzanine Card
July 18, 2018
logo
Advantech Co., Ltd.
UNOP-1000I ADVANTECH-UNOP-1000I Datasheet
351Kb / 1P
PCI & Mini-PCI Expansion Card
30-Oct-2015
NMC-1012 ADVANTECH-NMC-1012 Datasheet
459Kb / 1P
8 Ports 10GbE SFP Network Mezzanine Card
21-Mar-2022
NMC-2503 ADVANTECH-NMC-2503 Datasheet
458Kb / 1P
4 Ports 25GbE SFP28 Network Mezzanine Card
21-Mar-2022
NMC-6003 ADVANTECH-NMC-6003 Datasheet
612Kb / 1P
2 Ports 100GbE QSFP28 Network Mezzanine Card
27-Oct-2020
More results




Acerca de Renesas Technology Corp


Renesas Technology Corp es una compañía de semiconductores japoneses que proporciona una amplia gama de microcontroladores, sistemas a chips y dispositivos analógicos y de energía para diversas aplicaciones en los mercados automotrices, industriales y de consumo.
La compañía se formó en 2010 a través de la fusión de NEC Electronics Corporation y Renesas Technology Corporation.
Renesas es uno de los mayores proveedores de microcontroladores del mundo y es conocido por su experiencia en el desarrollo de tecnologías avanzadas en áreas como Internet de las cosas (IoT), inteligencia artificial (IA) y electrónica automotriz.
La compañía tiene operaciones en más de 20 países y sus productos se utilizan en una amplia gama de aplicaciones.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com