Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AOZ22557QI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ22557QI Datasheet PDF - Alpha & Omega Semiconductors
No. de pieza AOZ22557QI
Descarga  AOZ22557QI Descarga
Tamaño del archivo   2135.79 Kbytes
Page   18 Pages
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Descripción Electrónicos 25V/15A Synchronous EZBuckTM Regulator

AOZ22557QI Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AOZ22557QI Datasheet PDF - Alpha & Omega Semiconductors

No. de pieza AOZ22557QI
Descarga  AOZ22557QI Click to download

Tamaño del archivo   2135.79 Kbytes
Page   18 Pages
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Descripción Electrónicos 25V/15A Synchronous EZBuckTM Regulator

AOZ22557QI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ22557QI Detalles de producto

General Description
The AOZ22557QI is a high-efficiency, easy-to-use DC/DC
synchronous buck regulator that operates up to 25 V. The
device is capable of supplying 15 A of continuous output
current with an output voltage adjustable down to 0.6 V
(±1.0%).
The AOZ22557QI integrates an internal linear regulator to
generate 5.3 V VCC from input. If input voltage is lower than
5.3 V, the linear regulator operates at low drop output mode,
which allows the VCC voltage is equal to input voltage minus
the drop-output voltage of the internal linear regulator.
A proprietary constant on-time PWM control with input
feed-forward results in ultra-fast transient response while
maintaining relatively constant switching frequency over
the entire input voltage range. A low 80 ns minimum on-time
enables very low output voltages at ultra-high operating
frequencies.
Integrated AC ripple injection enables all-ceramic low ESR
output filter capacitors and smaller PCB footprint with no
external components needed.
Selectable PFM mode optimizes light load efficiency while
forced PWM mode maintains constant frequency for lower
harmonic noise.
The device features multiple protection functions such as
VCC under-voltage lockout, cycle-by-cycle current limit,
output over-voltage protection, short-circuit protection, and
thermal shutdown.
The AOZ22557QI is available in a 4mm×4mm QFN-30L
package and is rated over a -40°C to +85°C ambient
temperature range.

Features
• Wide input voltage range
- 6.5 V to 25 V
• 15 A continuous output current
• Output voltage adjustable down to 0.6 V (±1.0%)
• Low RDS(ON) internal NFETs
- 11 mΩ high-side
- 4 mΩ low-side
• Internal LDO
• Constant On-Time with input feed-forward
• Programmable on-time up to 3.5 μs and down to 80 ns
• Programmable Switching Frequency Range up to 1MHz
(For 12VIN to 1VOUT)
• Selectable PFM or forced PWM light load operation
• Ceramic capacitor stable
• Remote Sense
• Adjustable current limit setting
• Adjustable soft start
• Power Good output
• Integrated bootstrap diode
• Under-voltage protection and over-voltage protection
• Cycle-by-cycle current limit
• Short-circuit protection
• Thermal shutdown
• Thermally enhanced 30-pin 4mm × 4mm QFN

Applications
• Compact PCs and gaming systems
• Set-top boxes and LCD TVs
• Server & Storage systems
• Datacom and networking
• Embedded computing
• Point-of-load DC/DC converters




Número de pieza similar - AOZ22557QI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AOZ22555QI AOSMD-AOZ22555QI Datasheet
2Mb / 16P
25V/15A Synchronous EZBuckTM Regulator
Rev. 1.0 December 2021
AOZ22559QI AOSMD-AOZ22559QI Datasheet
2Mb / 19P
25V/15A Synchronous EZBuckTM Regulator
Rev. 1.1 October 2023
AOZ2255AQI-30 AOSMD-AOZ2255AQI-30 Datasheet
819Kb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev 1.0 February 2021
AOZ2255AQI-31 AOSMD-AOZ2255AQI-31 Datasheet
819Kb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev 1.0 February 2021
AOZ2255EQI-30 AOSMD-AOZ2255EQI-30 Datasheet
1Mb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev 1.2 June 2018
More results


Descripción similar - AOZ22557QI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AOZ2264QI-10 AOSMD-AOZ2264QI-10 Datasheet
911Kb / 16P
24V/15A Synchronous EZBuckTM Regulator
AOZ2264QI-11 AOSMD-AOZ2264QI-11 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2264QI-19 AOSMD-AOZ2264QI-19 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2264QI-20 AOSMD-AOZ2264QI-20 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ22555QI AOSMD-AOZ22555QI Datasheet
2Mb / 16P
25V/15A Synchronous EZBuckTM Regulator
Rev. 1.0 December 2021
AOZ2264NQI-11 AOSMD-AOZ2264NQI-11 Datasheet
2Mb / 17P
24V/15A Synchronous EZBuckTM Regulator
Rev. 3.1 August 2022
AOZ2264QI-15 AOSMD-AOZ2264QI-15 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2264QI-18 AOSMD-AOZ2264QI-18 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2387QI AOSMD-AOZ2387QI Datasheet
3Mb / 18P
25V/20A Synchronous EZBuckTM Regulator
Rev. 1.0 June 2022
AOZ2388QI AOSMD-AOZ2388QI Datasheet
2Mb / 18P
25V/25A Synchronous EZBuckTM Regulator
Rev. 1.0 June 2022
More results




Acerca de Alpha & Omega Semiconductors


Alpha & Omega Semiconductores (AOS) es una compañía global de semiconductores que se especializa en el diseño y fabricación de circuitos integrados de gestión de energía (ICS).
La compañía fue fundada en 1995 y tiene su sede en San José, California.
AOS proporciona una amplia gama de soluciones de gestión de energía para aplicaciones en electrónica de consumo, informática, telecomunicaciones y sistemas industriales, entre otros.
La compañía es conocida por su tecnología de vanguardia y productos innovadores, y tiene una fuerte reputación en la industria de los semiconductores.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com