Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTS-3200 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

NTS-3200 Datasheet PDF - Mean Well Enterprises Co., Ltd.
No. de pieza NTS-3200
Descarga  NTS-3200 Descarga
Tamaño del archivo   4518.96 Kbytes
Page   9 Pages
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Descripción Electrónicos 3200W High Reliable True Sine Wave DC-AC Power Inverter

NTS-3200 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
NTS-3200 Datasheet PDF - Mean Well Enterprises Co., Ltd.

No. de pieza NTS-3200
Descarga  NTS-3200 Click to download

Tamaño del archivo   4518.96 Kbytes
Page   9 Pages
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Descripción Electrónicos 3200W High Reliable True Sine Wave DC-AC Power Inverter

NTS-3200 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


NTS-3200 Detalles de producto

Features
* True sine wave output (THD<3%)
* High surge power up to 6400W
* Temperature controlled cooling fan
* AC output votage and frequency selectable by DIP SW.
* Noload disspation <1.7W at standby saving mode
* -25C~+70C wide operating temperature
* Power ON-OFF remote control
* Front panel indicator for operation status
* Protections :
Input : Reverse polarity / DC. low alarm / DC low shutdown / Over voltage
Output : Short circuit / Overload / Over temp.
* Battery over discharge protection (low voltage disconnect)
* Suitable for lead-acid or iion batteries
* Remote controller
(IRCH, IRC2, IRC accessory sold separately, lease refor f: hips:/www meanwell com/webappproduct/search aspx?prod=IAC1 )
* Support RS-232 communication(Communication cable order No.: DS-RJ11-RS232, sold sperately)
* Carry handle accessory available(Order NO.: DS-Carry hande, sold separately)
* Gonformal coating
* 3 years warranty




Número de pieza similar - NTS-3200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
NTS-300 MEANWELL-NTS-300 Datasheet
2Mb / 8P
300W High Reliable True Sine Wave DC-AC Power Inverter
NTS-300-112AU MEANWELL-NTS-300-112AU Datasheet
2Mb / 8P
300W High Reliable True Sine Wave DC-AC Power Inverter
NTS-300-112CN MEANWELL-NTS-300-112CN Datasheet
2Mb / 8P
300W High Reliable True Sine Wave DC-AC Power Inverter
NTS-300-112EU MEANWELL-NTS-300-112EU Datasheet
2Mb / 8P
300W High Reliable True Sine Wave DC-AC Power Inverter
NTS-300-112GFCI MEANWELL-NTS-300-112GFCI Datasheet
2Mb / 8P
300W High Reliable True Sine Wave DC-AC Power Inverter
More results


Descripción similar - NTS-3200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
NTS-300 MEANWELL-NTS-300 Datasheet
2Mb / 8P
300W High Reliable True Sine Wave DC-AC Power Inverter
NTS-450 MEANWELL-NTS-450 Datasheet
2Mb / 8P
450W High Reliable True Sine Wave DC-AC Power Inverter
NTS-750 MEANWELL-NTS-750 Datasheet
5Mb / 8P
750W High Reliable True Sine Wave DC-AC Power Inverter
NTS-1200 MEANWELL-NTS-1200 Datasheet
6Mb / 8P
1200W High Reliable True Sine Wave DC-AC Power Inverter
NTU-1200 MEANWELL-NTU-1200 Datasheet
5Mb / 8P
1200W High Reliable True Sine Wave with UPS DC-AC Power Inverter
NTS-1700 MEANWELL-NTS-1700 Datasheet
1Mb / 8P
1700W High Reliable True Sine Wave DC-AC Power Inverter
2023-01-16
NTS-2200 MEANWELL-NTS-2200 Datasheet
4Mb / 9P
2200W High Reliable True Sine Wave DC-AC Power Inverter
2022-08-03
NTU-1700 MEANWELL-NTU-1700 Datasheet
4Mb / 8P
1700W High Reliable True Sine Wave with UPS DC-AC Power Inverter
2023-01-16
NTU-2200 MEANWELL-NTU-2200 Datasheet
4Mb / 9P
2200W High Reliable True Sine Wave with UPS DC-AC Power Inverter
2022-08-03
NTU-3200 MEANWELL-NTU-3200 Datasheet
4Mb / 9P
3200W High Reliable True Sine Wave with UPS DC-AC Power Inverter
2022-08-03
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com