Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AOZ2263AQI-10 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ2263AQI-10 Datasheet PDF - Alpha & Omega Semiconductors
No. de pieza AOZ2263AQI-10
Descarga  AOZ2263AQI-10 Descarga
Tamaño del archivo   1676.31 Kbytes
Page   15 Pages
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Descripción Electrónicos 28V/12A Synchronous EZBuckTM Regulator

AOZ2263AQI-10 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AOZ2263AQI-10 Datasheet PDF - Alpha & Omega Semiconductors

No. de pieza AOZ2263AQI-10
Descarga  AOZ2263AQI-10 Click to download

Tamaño del archivo   1676.31 Kbytes
Page   15 Pages
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Descripción Electrónicos 28V/12A Synchronous EZBuckTM Regulator

AOZ2263AQI-10 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ2263AQI-10 Detalles de producto

General Description
The AOZ2263AQI-10 is a high-efficiency, easy-to-use
DC/DC synchronous buck regulator that operates up to
28V. The device is capable of supplying 12A of
continuous output current with an output voltage
adjustable down to 0.8V ±1%.
A proprietary constant on-time PWM control with input
feed-forward results in ultra-fast transient response while
maintaining relatively constant switching frequency over
the entire input voltage range. The on time can be
externally programmed up to 1.3μS.
The device features multiple protection functions such as
VCC under-voltage lockout, cycle-by-cycle current limit,
output over-voltage protection, short-circuit protection,
and thermal shutdown.
The AOZ2263AQI-10 is available in a 4mm×4mm QFN-
22L package and is rated over a -40°C to +85°C ambient
temperature range.

Features
 Wide input voltage range
– 4V to 28V
 12A continuous output current
 Output voltage adjustable down to 0.8V (±1.0%)
 Low RDS(ON) internal NFETs
– 14m high-side
– 7m low-side
 Constant On-Time with input feed-forward
 Programmable on-time up to 1.3μs
 Selectable PFM light-load operation
 Ceramic capacitor stable
 Adjustable soft start
 Ripple reduction
 Power Good output
 Integrated bootstrap diode
 Cycle-by-cycle current limit
 Short-circuit protection
 Over voltage protection
 Thermal shutdown
 Thermally enhanced 4mm x 4mm QFN-22L package

Applications
 Portable computers
 Compact desktop PCs
 Servers
 Graphics cards
 Set-top boxes
 LCD TVs
 Cable modems
 Point-of-load DC/DC converters
 Telecom/Networking/Datacom equipment




Número de pieza similar - AOZ2263AQI-10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AOZ2263AQI-15 AOSMD-AOZ2263AQI-15 Datasheet
1Mb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2263AQI-18 AOSMD-AOZ2263AQI-18 Datasheet
1Mb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
More results


Descripción similar - AOZ2263AQI-10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AOZ1269QI-02 AOSMD-AOZ1269QI-02 Datasheet
746Kb / 15P
28V/12A Synchronous EZBuckTM Regulator
AOZ2263QI-15 AOSMD-AOZ2263QI-15 Datasheet
915Kb / 16P
28V/12A Synchronous EZBuckTM Regulator
AOZ2255LQI-31 AOSMD-AOZ2255LQI-31 Datasheet
1Mb / 16P
28V/12A Synchronous EZBuckTM Regulator
Rev 1.0 September 2019
AOZ2263AQI-15 AOSMD-AOZ2263AQI-15 Datasheet
1Mb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2263BQI-15 AOSMD-AOZ2263BQI-15 Datasheet
2Mb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev. 1.1 September 2022
AOZ2255AQI-30 AOSMD-AOZ2255AQI-30 Datasheet
819Kb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev 1.0 February 2021
AOZ2255EQI-30 AOSMD-AOZ2255EQI-30 Datasheet
1Mb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev 1.2 June 2018
AOZ2263AQI-18 AOSMD-AOZ2263AQI-18 Datasheet
1Mb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2263NQI-11 AOSMD-AOZ2263NQI-11 Datasheet
2Mb / 17P
28V/12A Synchronous EZBuckTM Regulator
Rev. 2.1 August 2022
AOZ2263NQI-12 AOSMD-AOZ2263NQI-12 Datasheet
2Mb / 17P
28V/12A Synchronous EZBuckTM Regulator
Rev. 1.1 August 2022
More results




Acerca de Alpha & Omega Semiconductors


Alpha & Omega Semiconductores (AOS) es una compañía global de semiconductores que se especializa en el diseño y fabricación de circuitos integrados de gestión de energía (ICS).
La compañía fue fundada en 1995 y tiene su sede en San José, California.
AOS proporciona una amplia gama de soluciones de gestión de energía para aplicaciones en electrónica de consumo, informática, telecomunicaciones y sistemas industriales, entre otros.
La compañía es conocida por su tecnología de vanguardia y productos innovadores, y tiene una fuerte reputación en la industria de los semiconductores.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com