Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HRP-300N3 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

HRP-300N3 Datasheet PDF - Mean Well Enterprises Co., Ltd.
No. de pieza HRP-300N3
Descarga  HRP-300N3 Descarga
Tamaño del archivo   695.84 Kbytes
Page   6 Pages
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Descripción Electrónicos 300W Ultra-High Peak Power Supply

HRP-300N3 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
HRP-300N3 Datasheet PDF - Mean Well Enterprises Co., Ltd.

No. de pieza HRP-300N3
Descarga  HRP-300N3 Click to download

Tamaño del archivo   695.84 Kbytes
Page   6 Pages
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Descripción Electrónicos 300W Ultra-High Peak Power Supply

HRP-300N3 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


HRP-300N3 Detalles de producto

Features
* Universal AC input / Full range §
* Withstand 300VAC surge input for 5 seconds §
* 350% peak power capability §
* Built-in constant current limiting circuit §
* Protections: Short circuit / Overload / Over voltage / |
Over temperature §
* Built-in cooling fan ON-OFF control §
* Builtin DC OK signal §
* Built-in remote sense function §
* Withstand 5G vibration 1
* Oprating altitude up to 5000 meters(Note.5) §
* Output votage adjustable +15%(Avg.) §
* 1U low profile 41mm §
* 5 years warranty §




Número de pieza similar - HRP-300N3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
HRP-300N MEANWELL-HRP-300N Datasheet
161Kb / 5P
300W Single Output with PFC Function
HRP-300N-12 MEANWELL-HRP-300N-12 Datasheet
161Kb / 5P
300W Single Output with PFC Function
HRP-300N-24 MEANWELL-HRP-300N-24 Datasheet
161Kb / 5P
300W Single Output with PFC Function
HRP-300N-36 MEANWELL-HRP-300N-36 Datasheet
161Kb / 5P
300W Single Output with PFC Function
HRP-300N-48 MEANWELL-HRP-300N-48 Datasheet
161Kb / 5P
300W Single Output with PFC Function
More results


Descripción similar - HRP-300N3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tumbler Technologies + ...
TMPC-300-P4 TRUMPOWER-TMPC-300-P4 Datasheet
70Kb / 1P
300W ATX PC Power Supply
TMPC-300 TRUMPOWER-TMPC-300 Datasheet
35Kb / 1P
300W ATX PC Power Supply
logo
List of Unclassifed Man...
R1J-300I1H2A0 ETC2-R1J-300I1H2A0 Datasheet
734Kb / 12P
300W300W Redundant Power Supply
EFRP-2300 ETC2-EFRP-2300 Datasheet
373Kb / 3P
2U 300W Server Power Supply
logo
Tumbler Technologies + ...
TIPC300-FXB TRUMPOWER-TIPC300-FXB Datasheet
176Kb / 1P
300W FlexATX IPC Power Supply
TIPC300-FXG TRUMPOWER-TIPC300-FXG Datasheet
176Kb / 1P
300W High Efficiency FlexATX IPC Power Supply
logo
Mean Well Enterprises C...
HRP-150N3 MEANWELL-HRP-150N3 Datasheet
175Kb / 6P
150W Ultra-High Peak Power Supply
2022-03-03
HRP-600N3 MEANWELL-HRP-600N3 Datasheet
727Kb / 6P
600W Ultra-High Peak Power Supply
2022-03-03
HRPG-1000N3 MEANWELL-HRPG-1000N3 Datasheet
197Kb / 7P
1000W Ultra-High Peak Power Supply
2023-08-11
logo
Guangdong Youtai Semico...
PESD24VL1BA UMW-PESD24VL1BA Datasheet
204Kb / 4P
300W peak pulse power (tp = 8/20μs)
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com