Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AOZ5316UQI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ5316UQI Datasheet PDF - Alpha & Omega Semiconductors
No. de pieza AOZ5316UQI
Descarga  AOZ5316UQI Descarga
Tamaño del archivo   1753.44 Kbytes
Page   17 Pages
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Descripción Electrónicos High-Current, High-Performance DrMOS Power Module

AOZ5316UQI Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AOZ5316UQI Datasheet PDF - Alpha & Omega Semiconductors

No. de pieza AOZ5316UQI
Descarga  AOZ5316UQI Click to download

Tamaño del archivo   1753.44 Kbytes
Page   17 Pages
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Descripción Electrónicos High-Current, High-Performance DrMOS Power Module

AOZ5316UQI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ5316UQI Detalles de producto

General Description
The AOZ5316UQI is a high efficiency synchronous buck
power stage module consisting of two asymmetrical
MOSFETs and an integrated driver. The MOSFETs are
individually optimized for operation in the synchronous
buck configuration. The High-Side MOSFET is optimized
to achieve low capacitance and gate charge for fast
switching with low duty cycle operation. The Low-Side
MOSFET has ultra low ON resistance to minimize
conduction loss.
The AOZ5316UQI uses a PWM input for accurate control
of the power MOSFETs switching activities, is compatible
with 3V and 5V (CMOS) logic and supports Tri-State
PWM.
A number of features are provided making the
AOZ5316UQI a highly versatile power module. The bootstrap
switch is integrated in the driver. The Low-Side
MOSFET can be driven into diode emulation mode to
provide asynchronous operation and improve light-load
performance. The pin-out is also optimized for low
parasitics, keeping their effects to a minimum.

Features
 2.5V to 25V power supply range
 4.5V to 5.5V driver supply range
 55A continuous output current
- Up to 80A for 10ms on pulse
- Up to 120A for 10us on pulse
 Up to 2MHz switching operation
 3V / 5V PWM / Tri-State input compatible
 Under-Voltage lockout protection
 SMOD# control for Diode Emulation / CCM operation
 Low Profile 5x5 QFN-31L package

Applications
 Memory and graphic cards
 VRMs for motherboards
 Point of load DC/DC converters
 Video gaming consoles




Número de pieza similar - AOZ5316UQI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AOZ5311NQI AOSMD-AOZ5311NQI Datasheet
2Mb / 18P
High-Current, High-Performance DrMOS Power Module
Rev. 1.2 April 2021
AOZ5311NQI-04 AOSMD-AOZ5311NQI-04 Datasheet
672Kb / 18P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 September 2022
AOZ5313NQI AOSMD-AOZ5313NQI Datasheet
2Mb / 18P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 October 2020
More results


Descripción similar - AOZ5316UQI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AOZ5007 AOSMD-AOZ5007 Datasheet
821Kb / 16P
High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703 Datasheet
313Kb / 18P
High-Performance, High-Current DrMOS Power Module
APW8707A ANPEC-APW8707A Datasheet
331Kb / 19P
High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5019 AOSMD-AOZ5019 Datasheet
616Kb / 13P
High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8706 ANPEC-APW8706 Datasheet
360Kb / 19P
High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5007AQI AOSMD-AOZ5007AQI Datasheet
982Kb / 15P
High-Current, High-Performance DrMOS Power Module
Rev. 1.3 August 2022
AOZ5018QI AOSMD-AOZ5018QI Datasheet
1Mb / 16P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2021
AOZ5516QI-02 AOSMD-AOZ5516QI-02 Datasheet
2Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 2.0 May 2020
AOZ5518QI AOSMD-AOZ5518QI Datasheet
2Mb / 16P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2020
AOZ5612BQI AOSMD-AOZ5612BQI Datasheet
2Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 1.1 May 2021
More results




Acerca de Alpha & Omega Semiconductors


Alpha & Omega Semiconductores (AOS) es una compañía global de semiconductores que se especializa en el diseño y fabricación de circuitos integrados de gestión de energía (ICS).
La compañía fue fundada en 1995 y tiene su sede en San José, California.
AOS proporciona una amplia gama de soluciones de gestión de energía para aplicaciones en electrónica de consumo, informática, telecomunicaciones y sistemas industriales, entre otros.
La compañía es conocida por su tecnología de vanguardia y productos innovadores, y tiene una fuerte reputación en la industria de los semiconductores.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com