Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMP1304-085LF Datasheet (PDF) - Skyworks Solutions Inc.

SMP1304-085LF Datasheet PDF - Skyworks Solutions Inc.
No. de pieza SMP1304-085LF
Descarga  SMP1304-085LF Descarga
Tamaño del archivo   366.23 Kbytes
Page   9 Pages
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Descripción Electrónicos Surface Mount PIN Diode for High Power Switch Applications

SMP1304-085LF Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SMP1304-085LF Datasheet PDF - Skyworks Solutions Inc.

No. de pieza SMP1304-085LF
Descarga  SMP1304-085LF Click to download

Tamaño del archivo   366.23 Kbytes
Page   9 Pages
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Descripción Electrónicos Surface Mount PIN Diode for High Power Switch Applications

SMP1304-085LF Datasheet (HTML) - Skyworks Solutions Inc.


SMP1304-085LF Detalles de producto

Features
• Low-thermal resistance: 35 °C/W
• Suitable for 100 W Continuous Wave T/R switches
• Low capacitance: 0.3 pF
• Low distortion performance
• QFN (3-pin, 2 x 2 mm) package (MSL1, 260 °C per JEDEC J-STD-020)

Description
The SMP1304-085LF is a surface mountable, low capacitance silicon PIN diode designed as a shunt connected PIN diode for high power, high volume switch and attenuator applications from 10 MHz to beyond 6 GHz. Maximum resistance at 100 mA is 2 Ω and maximum capacitance at 30 V is 0.3 pF. The combination of low junction capacitance, low parasitic inductance, low thermal resistance, and nominal 100 μm I-region width, makes the SMP1304-085LF useful in large signal switches and attenuator applications. The device has a 2.5 W dissipation power rating, making it capable of handling more than 100 W Continuous Wave (CW) and 1000 W peak (1 μs pulse, 1 percent duty cycle) in a shunt-connected transmit/receive (T/R) switch. Design information for high power switches may be found in the Skyworks Application Note, Design With PIN Diodes (document number 200312). A block diagram of the SMP1304-085LF is shown in Figure 1.




Número de pieza similar - SMP1304-085LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha Industries
SMP1304-001 ALPHA-SMP1304-001 Datasheet
500Kb / 4P
Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1304-004 ALPHA-SMP1304-004 Datasheet
500Kb / 4P
Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1304-005 ALPHA-SMP1304-005 Datasheet
500Kb / 4P
Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1304-005 SKYWORKS-SMP1304-005 Datasheet
775Kb / 8P
Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1304-005LF SKYWORKS-SMP1304-005LF Datasheet
775Kb / 8P
Low-Distortion Attenuator Plastic Packaged PIN Diodes
More results


Descripción similar - SMP1304-085LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
MASW-004240-13170W MA-COM-MASW-004240-13170W Datasheet
257Kb / 6P
HMIC??SP4T Surface Mount Silicon PIN Diode Switch
MASW-004240-13170W MA-COM-MASW-004240-13170W_2 Datasheet
255Kb / 6P
HMIC SP4T Surface Mount Silicon PIN Diode Switch
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3880-TR1G AVAGO-HSMP-3880-TR1G Datasheet
109Kb / 6P
Surface Mount RF PIN Switch Diode
logo
M/A-COM Technology Solu...
MASW-002103-1363 MA-COM-MASW-002103-1363 Datasheet
558Kb / 8P
Silicon SPDT Surface Mount HMIC PIN Diode Switch
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
608Kb / 8P
Silicon SP4T Surface Mount HMIC PIN Diode Switch
MASW-004240-13170 MA-COM-MASW-004240-13170 Datasheet
255Kb / 6P
HMIC??SP4T Surface Mount Silicon PIN Diode Switch
logo
Skyworks Solutions Inc.
SMP1302-085LF SKYWORKS-SMP1302-085LF Datasheet
393Kb / 10P
SMP1302-085LF Surface Mount PIN Diode for High Power Switch Applications
logo
M/A-COM Technology Solu...
MASW-004103-1365 MA-COM-MASW-004103-1365_15 Datasheet
1Mb / 8P
Silicon SP4T Surface Mount HMIC PIN Diode Switch
logo
Skyworks Solutions Inc.
SMP1321-085LF SKYWORKS-SMP1321-085LF Datasheet
588Kb / 7P
Surface-Mount PIN Diode for Switch and Attenuator Applications
SMP1325-085LF SKYWORKS-SMP1325-085LF Datasheet
560Kb / 7P
Surface-Mount PIN Diode for High-Power Switch Applications
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com