Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISO6125R-33 Datasheet (PDF) - Power Integrations, Inc.

ISO6125R-33 Datasheet PDF - Power Integrations, Inc.
No. de pieza ISO6125R-33
Descarga  ISO6125R-33 Descarga
Tamaño del archivo   1086.96 Kbytes
Page   6 Pages
Fabricante Electrónico  POWERINT [Power Integrations, Inc.]
Página de inicio  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Descripción Electrónicos High Voltage Insulated DC-DC Power Supply for Railway Line Gate Driver Families

ISO6125R-33 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ISO6125R-33 Datasheet PDF - Power Integrations, Inc.

No. de pieza ISO6125R-33
Descarga  ISO6125R-33 Click to download

Tamaño del archivo   1086.96 Kbytes
Page   6 Pages
Fabricante Electrónico  POWERINT [Power Integrations, Inc.]
Página de inicio  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Descripción Electrónicos High Voltage Insulated DC-DC Power Supply for Railway Line Gate Driver Families

ISO6125R-33 Datasheet (HTML) - Power Integrations, Inc.


ISO6125R-33 Detalles de producto

Highly Integrated, Compact Footprint
• Ready-to-use DC-DC converter solution for IGBT drivers up to 3300V
• 10 W output power at maximum ambient temperature
• Electrical primary-side interface with basic insulation
• -40 °C to +85 °C operating ambient temperature
Protection / Safety Features
• Creepage distance 21 mm
• Clearance distance 21 mm
• No electrolytic capacitors
• Outstanding coupling capacitance 10 pF
• Applied double sided conformal coating (by using ELPEGUARD SL
1307 FLZ/2 from Lackwerke Peters)
Full Safety and Regulatory Compliance
• 100% production partial discharge and HIPOT test of transformer
• Clearance and creepage distances meet requirements for basic
insulation.
Applications
• Traction inverter
• Industrial drives
• Other industrial applications
Description
The ISO6125R-33 is a single channel insulated DC-DC converter, suitable
as a power supply for 3300 V IGBT drivers.




Número de pieza similar - ISO6125R-33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ISO6163 TI1-ISO6163 Datasheet
1Mb / 40P
ISO6163 Low-Power, High-Speed Six-Channel Digital Isolator With Automatic Enable
SEPTEMBER 2024
ISO6163 TI1-ISO6163 Datasheet
1Mb / 42P
ISO6163 Low-Power, High-Speed Six-Channel Digital Isolator With Automatic Enable
FEBRUARY 2025
ISO6163 TI1-ISO6163 Datasheet
2Mb / 42P
ISO6163 Low-Power, High-Speed Six-Channel Digital Isolator With Automatic Enable
FEBRUARY 2025
ISO6163DWR TI1-ISO6163DWR Datasheet
2Mb / 42P
ISO6163 Low-Power, High-Speed Six-Channel Digital Isolator With Automatic Enable
FEBRUARY 2025
ISO6163QDWR TI1-ISO6163QDWR Datasheet
1Mb / 40P
ISO6163 Low-Power, High-Speed Six-Channel Digital Isolator With Automatic Enable
SEPTEMBER 2024
More results


Descripción similar - ISO6125R-33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPD7203F TOSHIBA-TPD7203F Datasheet
723Kb / 19P
POWER MOSFET GATE DRIVER FOR 3 PHASE DC MOTOR
logo
Mitsubishi Electric Sem...
M57115L-01 MITSUBISHI-M57115L-01 Datasheet
45Kb / 3P
THE POWER SUPPLY DC-DC CONVERTER FOR IGBT MODULE GATE DRIVE
logo
Toshiba Semiconductor
TPD7201F TOSHIBA-TPD7201F Datasheet
738Kb / 19P
POWER MOSFET GATE DRIVER FOR 3-PHASE DC MOTOR
TPD7203F TOSHIBA-TPD7203F_07 Datasheet
862Kb / 19P
Power MOSFET Gate Driver for 3-Phase DC Motor
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
DC/DC Power Supply
logo
Toshiba Semiconductor
TPD7210F TOSHIBA-TPD7210F Datasheet
292Kb / 17P
Power MOSFET Gate Driver for 3-Phase DC Motor
logo
Mean Well Enterprises C...
RSD-30 MEANWELL-RSD-30 Datasheet
961Kb / 10P
30W Reliable Railway DC-DC Converter
RSD-60 MEANWELL-RSD-60 Datasheet
958Kb / 10P
60W Reliable Railway DC-DC Converter
logo
Soshin electric Co., Lt...
NF2000C-SJD SOSHIN-NF2000C-SJD Datasheet
186Kb / 2P
DC 600VDC High voltage DC power supply
logo
Power Integrations, Inc...
RLC-IMS-61-050-0 POWERINT-RLC-IMS-61-050-0 Datasheet
640Kb / 4P
6-pin Connection Cable for Railway Line gate driver family
May 2021
More results




Acerca de Power Integrations, Inc.


Power Integrations es una empresa estadounidense que se especializa en el diseño y fabricación de circuitos integrados de alto voltaje para la conversión de energía.

La compañía fue fundada en 1988 y tiene su sede en San José, California. Power Integrations proporciona una amplia gama de soluciones de conversión de potencia que incluyen circuitos integrados (ICS), condensadores y diodos.

Sus productos se utilizan en una variedad de aplicaciones, como electrónica de consumo, iluminación, energía renovable y equipos industriales.

Power Integrations es conocido por su experiencia en tecnología de conversión de energía y su capacidad para ofrecer productos altamente eficientes y confiables.

La compañía tiene un fuerte enfoque en la innovación y ha recibido numerosas patentes por sus productos y tecnología.

Los productos de Power Integrations están diseñados para satisfacer la creciente demanda de soluciones de eficiencia energética que ayudan a reducir las emisiones de carbono y proteger el medio ambiente.

La tecnología de la compañía se usa ampliamente en diversas aplicaciones, y tiene una fuerte presencia en el mercado global.

Power Integrations trabaja en estrecha colaboración con sus clientes para proporcionar soluciones personalizadas y apoyar sus necesidades.

La compañía se compromete a proporcionar productos y servicios sostenibles que contribuyan a un mundo mejor y más sostenible.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com