Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CG-3X2C3AM Datasheet (PDF) - Coolgear Inc.

CG-3X2C3AM Datasheet PDF - Coolgear Inc.
No. de pieza CG-3X2C3AM
Descarga  CG-3X2C3AM Descarga
Tamaño del archivo   1480.77 Kbytes
Page   2 Pages
Fabricante Electrónico  COOLGEAR [Coolgear Inc.]
Página de inicio  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Descripción Electrónicos 4 Port USB 3.1 Gen 1 Hub with PD Type C Source Port, 12~24V Variable Voltage Input

CG-3X2C3AM Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CG-3X2C3AM Datasheet PDF - Coolgear Inc.

No. de pieza CG-3X2C3AM
Descarga  CG-3X2C3AM Click to download

Tamaño del archivo   1480.77 Kbytes
Page   2 Pages
Fabricante Electrónico  COOLGEAR [Coolgear Inc.]
Página de inicio  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Descripción Electrónicos 4 Port USB 3.1 Gen 1 Hub with PD Type C Source Port, 12~24V Variable Voltage Input

CG-3X2C3AM Datasheet (HTML) - Coolgear Inc.


CG-3X2C3AM Detalles de producto

Compliant with USB3.1 Gen 1 Specification
Upstream Facing Port: USB-C with PD Source
Downstream Facing Ports: 1xUSB-C + 3xUSB-A
Supports 15KV ESD Surge Protection
PD Supports power source: 20V/5A, 15V/3A, 12V/3A and
5V/3A




Número de pieza similar - CG-3X2C3AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Coolgear Inc.
CG-30SL1AC-05M COOLGEAR-CG-30SL1AC-05M Datasheet
1Mb / 2P
20in. USB Type-C to A Dual Screw Lock Cable 5GB Data 3A Power
Rev 05.220504
CG-30SL1AC-1.8M COOLGEAR-CG-30SL1AC-1.8M Datasheet
1Mb / 2P
6ft. USB Type-C to A Dual Screw Lock Cable 5GB Data 3A Power
Rev 05.220504
CG-30SL1AC-1M COOLGEAR-CG-30SL1AC-1M Datasheet
938Kb / 2P
3ft. USB Type-C to A Dual Screw Lock Cable 5GB Data 3A Power
Rev 05.220504
CG-31G1EA4K COOLGEAR-CG-31G1EA4K Datasheet
252Kb / 3P
Basic Measurements Port Measurements
7/30/2021
logo
Panasonic Battery Group
CG-320A PANASONICBATTERY-CG-320A Datasheet
935Kb / 2P
Pin-type Li-ion Battery
More results


Descripción similar - CG-3X2C3AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U460-003-3AG TRIPPLITE-U460-003-3AG Datasheet
500Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, with Gigabit Ethernet Port
U460-003-3AG-C TRIPPLITE-U460-003-3AG-C Datasheet
503Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, USB-C Charging Port & Gigabit Ethernet Port, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
U444-T6N-H4GUBC TRIPPLITE-U444-T6N-H4GUBC Datasheet
168Kb / 4P
USB 3.1 Gen 1 USB-C Adapter with PD Charging - 100W, Ultra 4K HDMI, Gigabit Ethernet & USB-A Hub Port, Black
U444-T6N-VUBC TRIPPLITE-U444-T6N-VUBC Datasheet
166Kb / 3P
USB 3.1 Gen 1 USB-C Adapter with PD Charging - 100W, Self-Storage Cable, VGA & USB-A Hub Port, 1080p, Black
logo
Microchip Technology
USB5806 MICROCHIP-USB5806 Datasheet
824Kb / 60P
6-Port USB 3.1 Gen 1 Smart Hub
10/25/17
USB7002 MICROCHIP-USB7002 Datasheet
519Kb / 56P
4-Port SS/HS USB Type-C??PD Smart Hub
05/14/19
logo
Coolgear Inc.
CG-MIC4P31HVV COOLGEAR-CG-MIC4P31HVV Datasheet
984Kb / 2P
4 Port USB 3.1 Micro Hub with Variable Voltage and Surge Protection
Rev 01.2007
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com