Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AGB3312 Datasheet (PDF) - ANADIGICS, Inc

AGB3312 Datasheet PDF - ANADIGICS, Inc
No. de pieza AGB3312
Descarga  AGB3312 Descarga
Tamaño del archivo   288.25 Kbytes
Page   8 Pages
Fabricante Electrónico  ANADIGICS [ANADIGICS, Inc]
Página de inicio  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Descripción Electrónicos 50??High Linearity Low Noise Internally Biased Wideband Gain Block

AGB3312 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AGB3312 Datasheet PDF - ANADIGICS, Inc

No. de pieza AGB3312
Descarga  AGB3312 Click to download

Tamaño del archivo   288.25 Kbytes
Page   8 Pages
Fabricante Electrónico  ANADIGICS [ANADIGICS, Inc]
Página de inicio  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Descripción Electrónicos 50??High Linearity Low Noise Internally Biased Wideband Gain Block

AGB3312 Datasheet (HTML) - ANADIGICS, Inc


AGB3312 Detalles de producto

PRODUCT DESCRIPTION
The AGB3312 is one of a series of high performance InGaP HBT amplifiers designed for use in applications requiring high linearity, low noise, and low distortion. Active bias circuits on-chip eliminate the need for external resistive feedback, and no external matching components are needed for insertion into a 50Ω system. With a high output IP3, low noise figure, and wide band operation, the AGB3312 is ideal for wireless infrastructure applications such as Cellular Base Stations, MMDS, and WLL. Offered in a low cost SOT-89 surface mount package, the AGB3312 requires a single +5 V supply, and typically consumes 0.4 Watts of power.

FEATURES
• On-chip Active Bias
• DC-7000 MHz Operation Bandwidth
• +42 dBm Output IP3 at 850 MHz
• 5 dB Noise Figure at 850 MHz
• 11 dB Gain
• +17 dBm P1dB
• SOT-89 Package
• Single +5 V Supply
• Case Temperature: -40 to +85 °C

APPLICATIONS
• Cellular Base Stations for W-CDMA, CDMA, TDMA, GSM, PCS and CDPD systems
• Fixed Wireless
• MMDS/WLL
• WLAN




Número de pieza similar - AGB3312

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ANADIGICS, Inc
AGB3310 ANADIGICS-AGB3310 Datasheet
288Kb / 8P
50??High Linearity Low Noise Internally Biased Wideband Gain Block
07/2003
AGB3310S24Q1 ANADIGICS-AGB3310S24Q1 Datasheet
288Kb / 8P
50??High Linearity Low Noise Internally Biased Wideband Gain Block
07/2003
AGB3311 ANADIGICS-AGB3311 Datasheet
295Kb / 8P
50??High Linearity Low Noise Internally Biased Wideband Gain Block
07/2003
AGB3311S24Q1 ANADIGICS-AGB3311S24Q1 Datasheet
295Kb / 8P
50??High Linearity Low Noise Internally Biased Wideband Gain Block
07/2003
More results


Descripción similar - AGB3312

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ANADIGICS, Inc
AGB3300 ANADIGICS-AGB3300 Datasheet
281Kb / 16P
50OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
Rev 2.1
AGB3303 ANADIGICS-AGB3303 Datasheet
192Kb / 8P
50 OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
Rev 2.0
AGB3306 ANADIGICS-AGB3306 Datasheet
265Kb / 8P
50W High Linearity Low Noise Wideband Gain Block
Rev 1.2
AGB3301 ANADIGICS-AGB3301 Datasheet
331Kb / 16P
50 ohm HGIH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
Rev 2.0
AGB3302 ANADIGICS-AGB3302 Datasheet
199Kb / 8P
50 ohm HGIH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
Rev 2.0
AGB3307 ANADIGICS-AGB3307 Datasheet
271Kb / 8P
50-ohm High Linearity Low Noise Wideband Gain Block
REV 1.2
AGB3309 ANADIGICS-AGB3309 Datasheet
288Kb / 8P
50??High Linearity Low Noise Internally Biased Wideband Gain Block
07/2003
AGB3310 ANADIGICS-AGB3310 Datasheet
288Kb / 8P
50??High Linearity Low Noise Internally Biased Wideband Gain Block
07/2003
AGB3311 ANADIGICS-AGB3311 Datasheet
295Kb / 8P
50??High Linearity Low Noise Internally Biased Wideband Gain Block
07/2003
AGB3301 ANADIGICS-AGB3301_12 Datasheet
1Mb / 16P
50ohm High Linearity Low Noise Wideband Gain Block
More results




Acerca de ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com