Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74VHC1G32 Datasheet (PDF) - E-Tech Electronics LTD

MC74VHC1G32 Datasheet PDF - E-Tech Electronics LTD
No. de pieza MC74VHC1G32
Descarga  MC74VHC1G32 Descarga
Tamaño del archivo   578.58 Kbytes
Page   4 Pages
Fabricante Electrónico  ETL [E-Tech Electronics LTD]
Página de inicio  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
Descripción Electrónicos 2-Input OR Gate

MC74VHC1G32 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MC74VHC1G32 Datasheet PDF - E-Tech Electronics LTD

No. de pieza MC74VHC1G32
Descarga  MC74VHC1G32 Click to download

Tamaño del archivo   578.58 Kbytes
Page   4 Pages
Fabricante Electrónico  ETL [E-Tech Electronics LTD]
Página de inicio  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
Descripción Electrónicos 2-Input OR Gate

MC74VHC1G32 Datasheet (HTML) - E-Tech Electronics LTD


MC74VHC1G32 Detalles de producto

The MC74VHC1G32 is an advanced high speed CMOS 2–input OR gate fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Shortly TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output.
The MC74VHC1G32 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the MC74VHC1G32 to be used to interface 5 V circuits to 3 V circuits.

• High Speed: t PD = 3.7 ns (Typ) at V CC = 5 V
• Low Power Dissipation: I CC = 2 mA (Max) at T A= 25°C
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FETs = 60; Equivalent Gates = 15




Número de pieza similar - MC74VHC1G32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74VHC1G32 ONSEMI-MC74VHC1G32 Datasheet
182Kb / 8P
2-Input OR Gate
December, 1999 ??Rev. 3
MC74VHC1G32 ONSEMI-MC74VHC1G32 Datasheet
205Kb / 14P
Single 2-Input OR Gate
November, 2018 ??Rev. 21
MC74VHC1G32 ONSEMI-MC74VHC1G32 Datasheet
497Kb / 15P
Single 2-Input OR Gate
April, 2022 ??Rev. 25
MC74VHC1G32DBVT1G ONSEMI-MC74VHC1G32DBVT1G Datasheet
497Kb / 15P
Single 2-Input OR Gate
April, 2022 ??Rev. 25
MC74VHC1G32DFT1 ONSEMI-MC74VHC1G32DFT1 Datasheet
182Kb / 8P
2-Input OR Gate
December, 1999 ??Rev. 3
More results


Descripción similar - MC74VHC1G32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
2-input OR gate
1999 Jan 27
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
2-input OR Gate
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
2-INPUT OR GATE
logo
First Silicon Co., Ltd
FC74VHC1G32 FS-FC74VHC1G32 Datasheet
399Kb / 4P
2-Input OR Gate
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com