Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC9590XBG Datasheet (PDF) - Toshiba Semiconductor

TC9590XBG Datasheet PDF - Toshiba Semiconductor
No. de pieza TC9590XBG
Descarga  TC9590XBG Descarga
Tamaño del archivo   278.73 Kbytes
Page   17 Pages
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Descripción Electrónicos Automotive Peripheral Devices

TC9590XBG Datasheet (PDF)

Go To PDF Page Descarga Datasheet
TC9590XBG Datasheet PDF - Toshiba Semiconductor

No. de pieza TC9590XBG
Descarga  TC9590XBG Click to download

Tamaño del archivo   278.73 Kbytes
Page   17 Pages
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Descripción Electrónicos Automotive Peripheral Devices

TC9590XBG Datasheet (HTML) - Toshiba Semiconductor


TC9590XBG Detalles de producto

Features
● HDMI-RX Interface
 HDMI 1.4a
- Video Formats Support (Up to 1080P @60fps)
 RGB, YCbCr444: 24-bpp @60fps
 YCbCr422 24-bpp @60fps
- Audio Support
 Internal Audio PLL to track N/CTS value
transmitted by the ACR packet.
- 3D Support
- Supports HDCP (optional)
- DDC Support
- EDID Support
 Release A, Revision 1 (Feb 9, 2000)
 First 128 byte (EDID 1.3 structure)
 First E-EDID Extension: 128 bytes of CEA
Extension version 3 (specified in CEA-861-D)
 Embedded 1K-byte SRAM (EDID_SRAM)
- Maximum HDMI clock speed: 165 MHz
 Does not support Audio Return Path and HDMI
Ethernet Channels
● CSI-2 TX Interface
 MIPI CSI-2 compliant (Version 1.01 Revision
0.04 – 2 April 2009)
 Supports up to 1 Gbps per data lane
- Video, Audio and InfoFrame data can be
transmit over MIPI CSI-2
 Supports up to 4 data lanes
● I
2C Slave Interface
 Supports for Normal-mode (100 kHz) and Fastmode (400 kHz)
 Supports Ultra Fast-mode (2 MHz)
 Configures all TC9590XBG internal registers
● InfraRed (IR)
 Supports NEC Infrared protocol
● Audio Output Interface
Either I2S or TDM Audio interface available
(pins are multiplexed)
I2S Audio Interface
 Single data lane for stereo data
 Supports Master Clock mode only
 Supports 16, 18, 20 or 24-bit data (depend on
HDMI input stream)
 Supports Left or Right-justify with MSB first
 Supports 32 bit-wide time-slot only
 Outputs Audio Oversampling clock (256fs)
TDM (Time Division Multiplexed) Audio Interface
 Fixed to 8 channels (depend on HDMI input
stream)
 Supports 32 bit-wide time slot only
 Supports Master Clock mode only
 Supports 16, 18, 20 or 24-bit PCM audio data
word (depend on HDMI input stream)
 Outputs Audio Oversampling clock (256fs)
● System
 Internal core has two power domains (VDDC1
and VDDC2)
- VDDC1 is always on power domain
- VDDC2 can be shut-off during deep sleep mode
● Power supply inputs
 Core and MIPI D-PHY: 1.2 V
 I/O: 1.8V or 3.3 V
 HDMI: 3.3 V
 APLL: 2.5 V
● Power Consumption during typical operations
 720P @30fps: 0.48 W
 1080P @30fps: 0.48 W
 1080P @60fps: 0.54 W
● AEC-Q100 qualified with the following definition
 Grade3: -40 °C to 85 °C ambient operating
temperature range




Número de pieza similar - TC9590XBG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC9591XBG TOSHIBA-TC9591XBG Datasheet
390Kb / 17P
Automotive Peripheral Devices
2020-06-05 Rev.1.0
TC9592XBG TOSHIBA-TC9592XBG Datasheet
680Kb / 24P
Automotive Peripheral Devices
2022-05-25 Rev 1.2
TC9593XBG TOSHIBA-TC9593XBG Datasheet
680Kb / 24P
Automotive Peripheral Devices
2022-05-25 Rev 1.2
TC9594XBG TOSHIBA-TC9594XBG Datasheet
201Kb / 16P
CMOS Digital Integrated Circuit Silicon Monolithic
2020-04-06 Rev. 1.0
TC9595XBG TOSHIBA-TC9595XBG Datasheet
736Kb / 20P
CMOS Digital Integrated Circuit Silicon Monolithic
2022-08-23 Rev.1.2
More results


Descripción similar - TC9590XBG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA13002F ROHM-BA13002F Datasheet
152Kb / 8P
Interface Driver for microcomputer peripheral and display devices
logo
Tyco Electronics
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
PolySwitch Resettable Devices Automotive Devices
logo
Zilog, Inc.
Z84C2006VEC ZILOG-Z84C2006VEC Datasheet
1Mb / 16P
Provides a direct interface between Z80 microcomputer systems and peripheral devices
logo
Omron Electronics LLC
DCN3-11 OMRON-DCN3-11 Datasheet
3Mb / 24P
General-purpose Peripheral Devices
DCN2-1 OMRON-DCN2-1 Datasheet
3Mb / 24P
General-purpose Peripheral Devices
logo
List of Unclassifed Man...
IN3000WI ETC2-IN3000WI Datasheet
474Kb / 3P
Mini Optical Mouse - Notebook/Laptop Computer Peripheral Devices
IN3005KB ETC2-IN3005KB Datasheet
488Kb / 3P
Multimedia Keyboard - Notebook/Laptop Computer Peripheral Devices
logo
TE Connectivity Ltd
V23232-D0001-X001 TEC-V23232-D0001-X001 Datasheet
585Kb / 3P
Automotive Relays High Current Devices
logo
Toshiba Semiconductor
TC9591XBG TOSHIBA-TC9591XBG Datasheet
390Kb / 17P
Automotive Peripheral Devices
2020-06-05 Rev.1.0
TC9592XBG TOSHIBA-TC9592XBG Datasheet
680Kb / 24P
Automotive Peripheral Devices
2022-05-25 Rev 1.2
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com