Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTSAF5100 Datasheet (PDF) - ON Semiconductor

NTSAF5100 Datasheet PDF - ON Semiconductor
No. de pieza NTSAF5100
Descarga  NTSAF5100 Descarga
Tamaño del archivo   225.85 Kbytes
Page   7 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos Schottky Rectifier, Trench-based, Low Forward Voltage, Low Leakage

NTSAF5100 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
NTSAF5100 Datasheet PDF - ON Semiconductor

No. de pieza NTSAF5100
Descarga  NTSAF5100 Click to download

Tamaño del archivo   225.85 Kbytes
Page   7 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos Schottky Rectifier, Trench-based, Low Forward Voltage, Low Leakage

NTSAF5100 Datasheet (HTML) - ON Semiconductor


NTSAF5100 Detalles de producto


Features
• Fine Lithography Trench−based Schottky Technology for Very Low
Forward Voltage and Low Leakage
• Fast Switching with Exceptional Temperature Stability
• Low Power Loss and Lower Operating Temperature
• Higher Efficiency for Achieving Regulatory Compliance
• High Surge Capability
• These are Pb−Free and Halide−Free Devices

Typical Applications
• Switching Power Supplies including Wireless, Smartphone and
Notebook Adapters
• High Frequency and DC−DC Converters
• Freewheeling and OR−ing diodes
• Reverse Battery Protection
• Instrumentation
• LED Lighting

Mechanical Characteristics:
• Case: Epoxy, Molded
• Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in.
• Lead Finish: 100% Matte Sn (Tin)
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• Device Meets MSL 1 Requirements




Número de pieza similar - NTSAF5100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NTSAF5100T3G ONSEMI-NTSAF5100T3G Datasheet
115Kb / 6P
Low Leakage Trench-based Schottky Rectifier
January, 2015 ??Rev. 1
NTSAF5100T3G ONSEMI-NTSAF5100T3G Datasheet
72Kb / 6P
Low Forward Voltage, Low Leakage Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
More results


Descripción similar - NTSAF5100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NRVTSA4100E ONSEMI-NRVTSA4100E Datasheet
63Kb / 5P
Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NRVTSS3100E ONSEMI-NRVTSS3100E Datasheet
66Kb / 5P
Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NRVTSS5100E ONSEMI-NRVTSS5100E Datasheet
116Kb / 6P
Low Leakage Trench-based Schottky Rectifier
January, 2015 ??Rev. 0
NTSS3100 ONSEMI-NTSS3100 Datasheet
66Kb / 5P
Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSS5100 ONSEMI-NTSS5100 Datasheet
115Kb / 6P
Low Leakage Trench-based Schottky Rectifier
January, 2015 ??Rev. 1
NTSV20H120CT ONSEMI-NTSV20H120CT Datasheet
108Kb / 5P
Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NTSV20H120ECT ONSEMI-NTSV20H120ECT Datasheet
108Kb / 5P
Low Leakage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NRVTSS5100E ONSEMI-NRVTSS5100E_16 Datasheet
72Kb / 6P
Low Leakage Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
NTSS5100 ONSEMI-NTSS5100_16 Datasheet
72Kb / 6P
Low Forward Voltage, Low Leakage Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NRTSV30H120CT ONSEMI-NRTSV30H120CT Datasheet
60Kb / 5P
Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 1
More results




Acerca de ON Semiconductor


ON Semiconductor hay una empresa que cotiza en bolsa que diseña, desarrolla y fabrica una amplia gama de productos de semiconductores para una variedad de aplicaciones que incluyen automotriz, informática, bienes de consumo, industriales y mercados de comunicaciones.
La compañía fue fundada en 1999 y tiene su sede en Phoenix, Arizona.
En Semiconductor ofrece una amplia cartera de gestión de energía, semiconductores analógicos y discretos que incluyen MOSFET de potencia, diodos, rectificadores, reguladores de voltaje, entre otros.
Los productos de la compañía están diseñados para ser eficientes en energía, confiables y rentables y se utilizan en una variedad de aplicaciones, incluidas la electrónica portátil, sistemas de automatización industrial, sistemas de energía renovable y electrónica automotriz.
El semiconductor se compromete con la innovación y la satisfacción del cliente, y se compromete a proporcionar las mejores soluciones de semiconductores para satisfacer las necesidades de nuestros clientes .

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com