Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPHV24-01KTG Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SPHV24-01KTG Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
No. de pieza SPHV24-01KTG
Descarga  SPHV24-01KTG Descarga
Tamaño del archivo   639.27 Kbytes
Page   4 Pages
Fabricante Electrónico  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Página de inicio  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Descripción Electrónicos 1-Line Bi-directional TVS Diode

SPHV24-01KTG Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SPHV24-01KTG Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

No. de pieza SPHV24-01KTG
Descarga  SPHV24-01KTG Click to download

Tamaño del archivo   639.27 Kbytes
Page   4 Pages
Fabricante Electrónico  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Página de inicio  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Descripción Electrónicos 1-Line Bi-directional TVS Diode

SPHV24-01KTG Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SPHV24-01KTG Detalles de producto

Features
Ultra small package: 1.0x0.6x0.5mm
Protects one data or power line
Ultra low leakage: nA level
Working voltage: 24V
Low clamping voltage
2-Pin leadless package
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±25kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
RoHS Compliant
– IEC61000-4-5 (Lightning) 6A (8/20 μs)

Applications
Cellular Handsets and Accessories
Personal Digital Assistants
Notebooks and Handhelds
Portable Instrumentation
Digital Cameras
Peripherals
Audio Players




Número de pieza similar - SPHV24-01KTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SPHV24-01KTG LITTELFUSE-SPHV24-01KTG Datasheet
987Kb / 6P
200W Discrete Unidirectional TVS Diode
SPHV24-01KTG-C LITTELFUSE-SPHV24-01KTG-C Datasheet
997Kb / 6P
200W Discrete Bidirectional TVS Diode
More results


Descripción similar - SPHV24-01KTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Applied Power Microelec...
AU0521D3 APMICRO-AU0521D3 Datasheet
730Kb / 4P
1-Line Bi-directional TVS Diode
AU1261P1 APMICRO-AU1261P1 Datasheet
703Kb / 4P
1-Line Bi-directional TVS Diode
AU1881P1 APMICRO-AU1881P1 Datasheet
714Kb / 4P
1-Line Bi-directional TVS Diode
AU3361P1 APMICRO-AU3361P1 Datasheet
709Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P1H APMICRO-AU4581P1H Datasheet
705Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P6 APMICRO-AU4581P6 Datasheet
748Kb / 4P
1-Line Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
SDA0511CDN LEIDITECH-SDA0511CDN Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
PTVS0542H100 LEIDITECH-PTVS0542H100 Datasheet
4Mb / 4P
1-Line Bi-directional TVS Diode
SMDA05CCNQ LEIDITECH-SMDA05CCNQ Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
USESD05CP LEIDITECH-USESD05CP Datasheet
2Mb / 4P
1-Line Bi-directional TVS Diode
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com